Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 63Page - Freescale Semiconductor, Inc TBD Datasheet HTML 64Page - Freescale Semiconductor, Inc TBD Datasheet HTML 65Page - Freescale Semiconductor, Inc TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc TBD Datasheet HTML 67Page - Freescale Semiconductor, Inc TBD Datasheet HTML 68Page - Freescale Semiconductor, Inc TBD Datasheet HTML 69Page - Freescale Semiconductor, Inc TBD Datasheet HTML 70Page - Freescale Semiconductor, Inc TBD Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
Hardware Design Considerations
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
67
3.4.1.2
16-Bit DDR Memory Only
Table 57 lists unused pin connection when using 16-bit DDR memory. The 16 most significant data lines are not used.
ECC_MDQS
NC
ECC_MDQS
NC
MVREF
GND
VDDDDR
GND
Note:
If the DDR controller is not used, disable the internal DDR clock by writing a 1 to the CLK11DIS bit in the System Clock Control
Register (SCCR[CLK!11DIS]). See Chapter 7, Clocks, in the MSC8144E Reference Manual for details.
Table 57. Connectivity of DDR Related Pins When Using 16-bit DDR Memory Only
Signal Name
Pin connection
MDQ[0–15]
in use
MDQ[16–31]
pull-up to VDDDDR
MDQS[0–1]
in use
MDQS[2–3]
pull-down to GND
MDQS[0–1]
in use
MDQS[2–3]
pull-up to VDDDDR
MA[0–15]
in use
MCK[0–2]
in use
MCK[0–2]
in use
MCS[0–1]
in use
MDM[0–1]
in use
MDM[2–3]
NC
MBA[0–2]
in use
MCAS
in use
MCKE[0–1]
in use
MODT[0–1]
in use
MDIC[0–1]
in use
MRAS
in use
MWE
in use
MVREF
1/2*VDDDDR
VDDDDR
2.5 V or 1.8 V
Table 56. Connectivity of DDR Related Pins When the DDR Interface Is Not Used (continued)
Signal Name
Pin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com