Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 62Page - Freescale Semiconductor, Inc TBD Datasheet HTML 63Page - Freescale Semiconductor, Inc TBD Datasheet HTML 64Page - Freescale Semiconductor, Inc TBD Datasheet HTML 65Page - Freescale Semiconductor, Inc TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc TBD Datasheet HTML 67Page - Freescale Semiconductor, Inc TBD Datasheet HTML 68Page - Freescale Semiconductor, Inc TBD Datasheet HTML 69Page - Freescale Semiconductor, Inc TBD Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
66
3.4
Connectivity Guidelines
Note:
Although the package actually uses a ball grid array, the more conventional term pin is used to denote signal
connections in this discussion.
First, select the pin multiplexing mode to allocate the required I/O signals. Then use the guidelines presented in the following
subsections for board design and connections. The following conventions are used in describing the connectivity requirements:
1.
GND indicates using a 10 k
Ω pull-down resistor (recommended) or a direct connection to the ground plane. Direct
connections to the ground plane may yield DC current up to 50mA through the I/O supply that adds to overall power
consumption.
2.
VDD indicates using a 10 kΩ pull-up resistor (recommended) or a direct connection to the appropriate power supply.
Direct connections to the supply may yield DC current up to 50mA through the I/O supply that adds to overall power
consumption.
3.
Mandatory use of a pull-up or pull-down resistor it is clearly indicated as “pull-up/pull-down”.
4.
NC indicates “not connected” and means do not connect anything to the pin.
5.
The phrase “in use” indicates a typical pin connection for the required function.
Note:
Please see recommendations #1 and #2 as mandatory pull-down or pull-up connection for unused pins in case of
subset interface connection.
3.4.1
DDR Memory Related Pins
This section discusses the various scenarios that can be used with DDR1 and DDR2 memory.
Note:
For information about unused differential/non-differential pins in DDR1/DDR2 modes (that is, unused negative lines
of strobes in DDR1), please refer to Table 56.
3.4.1.1
DDR Interface Is Not Used
Table 56. Connectivity of DDR Related Pins When the DDR Interface Is Not Used
Signal Name
Pin Connection
MDQ[0–31]
NC
MDQS[0–3]
NC
MDQS[0–3]
NC
MA[0–15]
NC
MCK[0–2]
NC
MCK[0–2]
NC
MCS[0–1]
NC
MDM[0–3]
NC
MBA[0–2]
NC
MCAS
NC
MCKE[0–1]
NC
MODT[0–1]
NC
MDIC[0–1]
NC
MRAS
NC
MWE
NC
MECC[0–7]
NC
ECC_MDM
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com