Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc TBD Datasheet HTML 43Page - Freescale Semiconductor, Inc TBD Datasheet HTML 44Page - Freescale Semiconductor, Inc TBD Datasheet HTML 45Page - Freescale Semiconductor, Inc TBD Datasheet HTML 46Page - Freescale Semiconductor, Inc TBD Datasheet HTML 47Page - Freescale Semiconductor, Inc TBD Datasheet HTML 48Page - Freescale Semiconductor, Inc TBD Datasheet HTML 49Page - Freescale Semiconductor, Inc TBD Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
46
Total Jitter Tolerance
JT
0.65
UIPP
Measured at receiver. Total jitter is composed of
three components, deterministic jitter, random jitter
and single frequency sinusoidal jitter. The sinusoidal
jitter may have any amplitude and frequency in the
unshaded region of Figure 14. The sinusoidal jitter
component is included to ensure margin for low
frequency jitter, wander, noise, crosstalk and other
variable system effects.
Multiple Input Skew
SMI
24
ns
Skew at the receiver input between lanes of a
multilane link
Bit Error Rate
BER
10–12
Unit Interval
UI
800
800
ps
±100 ppm
Table 38. Receiver AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential Input Voltage
VIN
200
1600
mVPP
Measured at receiver
Deterministic Jitter Tolerance
JD
0.37
UIPP
Measured at receiver
Combined Deterministic and Random
Jitter Tolerance
JDR
0.55
UIPP
Measured at receiver
Total Jitter Tolerance
JT
0.65
UIPP
Measured at receiver. Total jitter is composed of
three components, deterministic jitter, random jitter
and single frequency sinusoidal jitter. The sinusoidal
jitter may have any amplitude and frequency in the
unshaded region of Figure 14. The sinusoidal jitter
component is included to ensure margin for low
frequency jitter, wander, noise, crosstalk and other
variable system effects.
Multiple Input Skew
SMI
24
ns
Skew at the receiver input between lanes of a
multilane link
Bit Error Rate
BER
10–12
Unit Interval
UI
400
400
ps
±100 ppm
Table 39. Receiver AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential Input Voltage
VIN
200
1600
mVPP
Measured at receiver
Deterministic Jitter Tolerance
JD
0.37
UIPP
Measured at receiver
Combined Deterministic and Random
Jitter Tolerance
JDR
0.55
UIPP
Measured at receiver
Total Jitter Tolerance
JT
0.65
UIPP
Measured at receiver. Total jitter is composed of
three components, deterministic jitter, random jitter
and single frequency sinusoidal jitter. The sinusoidal
jitter may have any amplitude and frequency in the
unshaded region of Figure 14. The sinusoidal jitter
component is included to ensure margin for low
frequency jitter, wander, noise, crosstalk and other
variable system effects.
Multiple Input Skew
SMI
22
ns
Skew at the receiver input between lanes of a
multilane link
Table 37. Receiver AC Timing Specifications—1.25 GBaud (continued)
Characteristic
Symbol
Range
Unit
Notes
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com