Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc TBD Datasheet HTML 38Page - Freescale Semiconductor, Inc TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc TBD Datasheet HTML 41Page - Freescale Semiconductor, Inc TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc TBD Datasheet HTML 43Page - Freescale Semiconductor, Inc TBD Datasheet HTML 44Page - Freescale Semiconductor, Inc TBD Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
41
Figure 10 shows the DDR SDRAM output timing diagram.
Figure 11 provides the AC test load for the DDR bus.
2.7.5
Serial RapidIO Timing and SGMII Timing
2.7.5.1
AC Requirements for SRIO_REF_CLK and SRIO_REF_CLK
Table 29 lists AC requirements.
Figure 10. DDR SDRAM Output Timing
Figure 11. DDR AC Test Load
Table 29. SDn_REF_CLK and SDn_REF_CLK AC Requirements
Parameter Description
Symbol
Min
Typical
Max
Units
Comments
REFCLK cycle time
tREF
—
10 (8, 6.4)
—
ns
8 ns applies only to serial RapidIO system
with 125-MHz reference clock. 6.4 ns
applies only to serial RapidIO systems with
a 156.25 MHz reference clock.
Note:
SGMII uses the 8 ns (125 MHz)
value only.
REFCLK cycle-to-cycle
jitter
tREFCJ
—
—
80
ps
Difference in the period of any two
adjacent REFCLK cycles
Phase jitter
tREFPJ
–40
—
40
ps
Deviation in edge location with respect to
mean edge location
ADDR/CMD
tDDKHAS, tDDKHCS
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[x]
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
tDDKHAX ,tDDKHCX
Write A0
NOOP
tDDKHME
tDDKHMP
Output
Z0 = 50 Ω
RL = 50 Ω
VDDDDR/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com