Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
32
2.6.3
PCI DC Electrical Characteristics
2.6.4
TDM DC Electrical Characteristics
2.6.5
Ethernet DC Electrical Characteristics
2.6.5.1
MII, SMII and RMII DC Electrical Characteristics
Table 13. PCI DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDPCI
3.135
3.465
V
Input high voltage
VIH
0.5
× VDDPCI
3.465
V
Input low voltage
VIL
–0.5
0.3
× VDDPCI
V
Input Pull-up voltage2
VIPU
0.7
× VDDPCI
Input leakage current, 0<VIN <VDDPCI
IIN
–30
30
μA
Tri-state (high impedance off state) leakage current, 0<VIN <VDDPCI
IOZ
–30
30
μA
Signal low input current, VIL = 0.4 V
2
IL
–30
30
μA
Signal high input current, VIH = 2.0 V
2
IH
–30
30
μA
Output high voltage, IOH = –0.5 μA,
except open drain pins
VOH
0.9
× VDDPCI
—V
Output low voltage, IOL= 1.5 μAVOL
—0.1
× VDDPCI
V
Input Pin Capacitance2
CIN
10
pF
Notes:
1.
See Figure 6 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
Table 14. TDM DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDTDM
3.135
3.465
V
Input high voltage
VIH
2.0
3.465
V
Input low voltage
VIL
–0.3
0.8
V
Input leakage current, 0<VIN <VDDTDM
IIN
–30
30
μA
Tri-state (high impedance off state) leakage current,
IOZ
–30
30
μA
Signal input current,1
IL
–30
30
μA
Output high voltage, IOH = –1.6 mA,
VOH
2.4
—
V
Output low voltage, IOL= 0.4mA
VOL
—0.4
V
Pin Capacitance1
Cp
8
pF
Note:
1. Not tested. Guaranteed by design.
Table 15. MII, SMII and RMII DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDGE1
VDDGE2
3.135
3.465
V
Input high voltage
VIH
2.0
3.465
V
Input low voltage
VIL
–0.3
0.8
V
Input leakage current, VIN = supply voltage
IIN
–30
30
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com