Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc TBD Datasheet HTML 38Page - Freescale Semiconductor, Inc TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
35
2.7.1
Start-Up Timing
Starting the device requires coordination among several input sequences including clocking, reset, and power. Section 2.7.2
describes the clocking characteristics. Section 2.7.3 describes the reset and power-up characteristics. You must use the
following guidelines when starting up an MSC8144E device:
•
PORESET and TRST must be asserted externally for the duration of the power-up sequence using the VDDIO (3.3 V)
supply. See Table 24 for timing. TRST deassertion does not have to be synchronized with PORESET deassertion.
During functional operation when JTAG is not used, TRST can be asserted and remain asserted after the power ramp.
Note:
For applications that use M3 memory, M3_RESET should replicate the PORESET sequence timing, but using the
VDDM3IO (2.5 V) supply. See Section 3.1.1, Power-on Sequence for additional design information.
•
CLKIN should start toggling at least 32 cycles before the PORESET deassertion to guarantee correct device operation
(see Figure 7). 32 cycles should be accounted only after VDDIO reaches its nominal value.
•
CLKIN and PCI_CLK_IN should either be stable low during the power-up of VDDIO supply and start their swings after
power-up or should swing within VDDIO range during VDDIO power-up., so their amplitude grows as VDDIO grows
during power-up.
Figure 7 shows a sequence in which VDDIO is raised after VDD and CLKIN begins to toggle with the raise of VDDIO supply.
2.7.2
Clock and Timing Signals
The following sections include a description of clock signal characteristics. Table 20 shows the maximum frequency values for
internal (Core, Reference, Bus and DSI) and external (CLKIN, PCI_CLK_IN and CLKOUT. The user must ensure that
maximum frequency values are not exceeded.
Figure 7. Start-Up Sequence with VDD Raised Before VDDIO with CLKIN Started with VDDIO
Table 20. Clock Frequencies
Characteristic
Symbol
MIN
Max
Unit
CLKIN frequency
FCLKIN
25
150
MHz
PCI_CLK_IN frequency
FPCI_CLK_IN
25
150
MHz
CLKIN duty cycle
DCLKIN
40
60
%
PCI_CLK_IN duty cycle
DPCI_CLK_IN
40
60
%
Time
3.3 V
VDDIO Nominal
PORESET/TRST asserted
VDD Nominal
CLKIN starts toggling
VDD applied
PORESET
1
VDDIO applied
1.0 V
VDDIO = Nominal
VDD = Nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com