Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc TBD Datasheet HTML 67Page - Freescale Semiconductor, Inc TBD Datasheet HTML 68Page - Freescale Semiconductor, Inc TBD Datasheet HTML 69Page - Freescale Semiconductor, Inc TBD Datasheet HTML 70Page - Freescale Semiconductor, Inc TBD Datasheet HTML 71Page - Freescale Semiconductor, Inc TBD Datasheet HTML 72Page - Freescale Semiconductor, Inc TBD Datasheet HTML 73Page - Freescale Semiconductor, Inc TBD Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
70
3.4.4
Ethernet Related Pins
3.4.4.1
Ethernet Controller 1 (GE1) Related Pins
Note:
Table 62 and Table 63 assume that the alternate function of the specified pin is not used. If the alternate function is
used, connect the pin as required to support that function.
3.4.4.1.1
GE1 Interface Is Not Used
Table 62 assumes that the GE1 signals are not used for any purpose (including any multiplexed functions) and that VDDGE1 is
tied to GND.
3.4.4.1.2
Subset of GE1 Pins Required
When only a subset of the whole GE1 interface is used, such as for RMII, the unused GE1 pins should be connected as described
in Table 63. This table assumes that the unused GE1 pins are not used for any purpose (including any multiplexed function) and
that VDDGE1 is tied to either 2.5 V or 3.3 V.
Table 62. Connectivity of GE1 Related Pins When the GE1 Interface Is Not Used
Signal Name
Pin Connection
GE1_COL
NC
GE1_CRS
NC
GE1_RD[0–4]
NC
GE1_RX_ER
NC
GE1_RX_CLK
NC
GE1_RX_DV
NC
GE1_SGMII_RX
GNDSXC
GE1_SGMII_RX
GNDSXC
GE1_SGMII_TX
NC
GE1_SGMII_TX
NC
GE1_TD[0–4]
NC
GE1_TX_CLK
NC
GE1_TX_EN
NC
GE1_TX_ER
NC
Table 63. Connectivity of GE1 Related Pins When only a subset of the GE1 Interface Is required
Signal Name
Pin Connection
GE1_COL
GND
GE1_CRS
GND
GE1_RD[0–3]
GND
GE1_RX_ER
GND
GE1_RX_CLK
GND
GE1_RX_DV
GND
GE1_SGMII_RX
GNDSXC
GE1_SGMII_RX
GNDSXC
GE1_SGMII_TX
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com