Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 61Page - Freescale Semiconductor, Inc TBD Datasheet HTML 62Page - Freescale Semiconductor, Inc TBD Datasheet HTML 63Page - Freescale Semiconductor, Inc TBD Datasheet HTML 64Page - Freescale Semiconductor, Inc TBD Datasheet HTML 65Page - Freescale Semiconductor, Inc TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc TBD Datasheet HTML 67Page - Freescale Semiconductor, Inc TBD Datasheet HTML 68Page - Freescale Semiconductor, Inc TBD Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Hardware Design Considerations
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
65
3.1.2
Start-Up Timing
Section 2.7.1 describes the start-up timing.
3.2
Power Supply Design Considerations
3.2.1
PLL Supplies
Each PLL supply must have an external RC filter for the VDDPLL input. The filter is a 10 Ω resistor in series with two 2.2 μF,
low ESL (<0.5 nH) and low ESR capacitors. All three PLLs can connect to a single supply voltage source (such as a voltage
regulator) as long as the external RC filter is applied to each PLL separately (see Figure 44). For optimal noise filtering, place
the circuit as close as possible to its VDDPLL inputs. These traces should be short and direct.
Figure 44. PLL Supplies
3.2.2
Other Supplies (TBD)
3.3
Clock and Timing Signal Board Layout Considerations
When laying out the system board, use the following guidelines:
•
Keep clock and timing signal paths as short as possible and route with 50
Ω impedance.
•
Use a serial termination resistor placed close to the clock buffer to minimize signal reflection. Use the following
equation to compute the resistor value:
Rterm = Rim – Rbuf
where Rim = trace characteristic impedance
Rbuf = clock buffer internal impedance.
Note:
See MSC8144 CLKIN and PCI_CLK_IN Board Layout (AN3440) for an example layout.
MSC8144
VDDPLL0
10
Ω
2.2
μF
2.2
μF
VDDPLL0
10
Ω
2.2
μF
2.2
μF
VDDPLL0
10
Ω
2.2
μF
2.2
μF
Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com