Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 60Page - Freescale Semiconductor, Inc TBD Datasheet HTML 61Page - Freescale Semiconductor, Inc TBD Datasheet HTML 62Page - Freescale Semiconductor, Inc TBD Datasheet HTML 63Page - Freescale Semiconductor, Inc TBD Datasheet HTML 64Page - Freescale Semiconductor, Inc TBD Datasheet HTML 65Page - Freescale Semiconductor, Inc TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc TBD Datasheet HTML 67Page - Freescale Semiconductor, Inc TBD Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
64
3
Hardware Design Considerations
The following sections discuss areas to consider when the MSC8144E device is designed into a system.
3.1
Start-up Sequencing Recommendations
3.1.1
Power-on Sequence
Use the following guidelines for power-on sequencing:
•
There are no dependencies in power-on/power-off sequence between VDDM3 and VDD supplies.
•
There are no dependencies in power-on/power-off sequence between RapidIO supplies: VDDSXC, VDDSXP,
VDDRIOPLL and other MSC8144E supplies.
•VDDPLL should be coupled with the VDD power rail with extremely low impedance path.
External voltage applied to any input line must not exceed the related to this port I/O supply by more than 0.6 V at any time,
including during power-up. Some designs require pull-up voltages applied to selected input lines during power-up for
configuration purposes. This is an acceptable exception to the rule during start-up. However, each such input can draw up to 80
mA per input pin per MSC8144E device in the system during start-up. An assertion of the inputs to the high voltage level before
power-up should be with slew rate less than 4V/ns.
The following supplies should rise before any other supplies in any sequence
•VDD and VDDPLL coupled together
•VDDM3
After the above supplies rise to 90% of their nominal value the following I/O supplies may rise in any sequence (see Figure 43):
•VDDGE1
•VDDGE2
•VDDIO
•
VDDDDR and MVREF coupled one to another. MVREF should be either at same time or after VDDDDR.
•VDDM3IO
•V25M3
Note:
1.
This recommended power sequencing is different from the MSC8122/MSC8126.
2.
If no pins that require VDDGE1 as a reference supply are used (see Table 1), VDDGE1 can be tied to GND.
3.
If no pins that require VDDGE2 as a reference supply are used (see Table 1), VDDGE2 can be tied to GND.
4.
If the DDR interface is not used, VDDDDR and MVREF can be tied to GND.
5.
If the M3 memory is not used, VDDM3, VDDM3IO, and V25M3 can be tied to GND.
6.
If the RapidIO interface is not used, VDDSX, VDDSXP, and VDDRIOPLL can be tied to GND.
Figure 43. VDDM3, VDDM3IO and V25M3 Power-on Sequence
VDDM3, VDD, and VDDPLL
90%
I/O supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com