Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 25Page - Freescale Semiconductor, Inc TBD Datasheet HTML 26Page - Freescale Semiconductor, Inc TBD Datasheet HTML 27Page - Freescale Semiconductor, Inc TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
29
all four cores. It was created using CodeWarrior® 3.0. These values are provided as examples only. Power consumption is
application dependent and varies widely. To assure proper board design with regard to thermal dissipation and maintaining
proper operating temperatures, evaluate power consumption for your application and use the design guidelines in Section 3 of
this document.
At allowable voltage levels, Table 7 lists the estimated power dissipation on the 1.0-V AVDD supplies for the MSC8144E PLLs.
2.6
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MSC8144E.
2.6.1
DDR SDRAM DC Electrical Characteristics
This section describes the DC electrical specifications for the DDR SDRAM interface of the MSC8144E.
Note:
DDR SDRAM uses VDDDDR(typ) = 2.5 V and DDR2 SDRAM uses VDDDDR(typ) = 1.8 V.
2.6.1.1
DDR2 (1.8 V) SDRAM DC Electrical Characteristics
Table 8 provides the recommended operating conditions for the DDR2 SDRAM component(s) of the MSC8144E when
VDDDDR(typ) = 1.8 V.
Table 7. MSC8144E PLLs Power Dissipation
PLL supply
Typical
Maximum
Unit
VDDPLL0
TBD
10
mW
VDDPLL1
TBD
10
mW
VDDPLL2
TBD
10
mW
Note:
Typical value is based on VDDPLLX = 1.0 V, TA = 70°C, TJ = 105°C.
Table 8. DDR2 SDRAM DC Electrical Characteristics for VDDDDR (typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
I/O supply voltage1
VDDDDR
1.7
1.9
V
I/O reference voltage2
MVREF
0.49
× VDDDDR
0.51
× VDDDDR
V
I/O termination voltage3
VTT
MVREF –0.04
MVREF + 0.04
V
Input high voltage
VIH
MVREF + 0.125
VDDDDR +0.3
V
Input low voltage
VIL
–0.3
MVREF – 0.125
V
Output leakage current4
IOZ
–50
50
μA
Output high current (VOUT = 1.420 V)
IOH
–13.4
—
mA
Output low current (VOUT = 0.280 V)
IOL
13.4
—
mA
Notes:
1.
VDDDDR is expected to be within 50 mV of the DRAM VDD at all times.
2.
MVREF is expected to be equal to 0.5 × VDDDDR, and to track VDDDDR DC variations as measured at the receiver.
Peak-to-peak noise on MVREF may not exceed ±2% of the DC value.
3.
VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF. This rail should track variations in the DC level of VDDDDR.
4.
Output leakage is measured with all outputs are disabled, 0 V
≤ V
OUT
≤ V
DDDDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com