Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 71Page - Freescale Semiconductor, Inc TBD Datasheet HTML 72Page - Freescale Semiconductor, Inc TBD Datasheet HTML 73Page - Freescale Semiconductor, Inc TBD Datasheet HTML 74Page - Freescale Semiconductor, Inc TBD Datasheet HTML 75Page - Freescale Semiconductor, Inc TBD Datasheet HTML 76Page - Freescale Semiconductor, Inc TBD Datasheet HTML 77Page - Freescale Semiconductor, Inc TBD Datasheet HTML 78Page - Freescale Semiconductor, Inc TBD Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
Ordering Information
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
75
4
Ordering Information
Consult a Freescale Semiconductor sales office or authorized distributor to determine product availability and place an order.
5
Package Information
Part
Package Type
Spheres
Core
Voltage
Operating
Temperature
Core
Frequency
(MHz)
Order Number
MSC8144E Flip Chip Plastic Ball Grid Array (FC-PBGA)
Lead-free
1.0 V
–40° to 105°C
800
TBD
0° to 90°C
1000
TBD
Figure 45. MSC8144E Mechanical Information, 783-ball FC-PBGA Package
Notes:
1. All dimensions in millimeters.
2. Dimensioning and tolerancing
per ASME Y14.5M–1994.
3. Maximum solder ball diameter
measured parallel to Datum A.
4. Datum A, the seating plane, is
determined by the spherical
crowns of the solder balls.
5. Parallelism measurement
should exclude any effect of
marking.
6. Capacitors may not be present
on all devices.
7. Caution must be taken not to
short exposed metal capacitor
pads on package top.
CASE NO. 1842-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com