Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc TBD Datasheet HTML 41Page - Freescale Semiconductor, Inc TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc TBD Datasheet HTML 43Page - Freescale Semiconductor, Inc TBD Datasheet HTML 44Page - Freescale Semiconductor, Inc TBD Datasheet HTML 45Page - Freescale Semiconductor, Inc TBD Datasheet HTML 46Page - Freescale Semiconductor, Inc TBD Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
43
2.7.5.4
Transmitter Specifications
LP-Serial transmitter electrical and timing specifications are stated in the text and tables of this section. The differential return
loss, S11, of the transmitter in each case shall be better than
•
–10 dB for (baud frequency)/10 < freq(f) < 625 MHz, and
•
–10 dB + 10log(f/625 MHz) dB for 625 MHz
≤ freq(f) ≤ baud frequency
The reference impedance for the differential return loss measurements is 100
Ω resistive. Differential return loss includes
contributions from internal circuitry, packaging, and any external components related to the driver. The output impedance
requirement applies to all valid output levels. It is recommended that the 20–80% rise/fall time of the transmitter, as measured
at the transmitter output, have a minimum value 60 ps in each case. It is also recommended that the timing skew at the output
of an LP-Serial transmitter between the two signals comprising a differential pair not exceed 25 ps at 1.25 GB, 20 ps at 2.50
GB, and 15 ps at 3.125 GB.
Table 30. Short Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
500
1000
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
800
800
ps
±100 ppm
Table 31. Short Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
500
1000
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple Output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
400
400
ps
±100 ppm
Table 32. Short Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
-0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
500
1000
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
320
320
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com