Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc TBD Datasheet HTML 41Page - Freescale Semiconductor, Inc TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc TBD Datasheet HTML 43Page - Freescale Semiconductor, Inc TBD Datasheet HTML 44Page - Freescale Semiconductor, Inc TBD Datasheet HTML 45Page - Freescale Semiconductor, Inc TBD Datasheet HTML 46Page - Freescale Semiconductor, Inc TBD Datasheet HTML 47Page - Freescale Semiconductor, Inc TBD Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
44
For each baud rate at which an LP-Serial transmitter is specified to operate, the output eye pattern of the transmitter shall fall
entirely within the unshaded portion of the transmitter output compliance mask shown in Figure 13 with the parameters
specified in Table 36 when measured at the output pins of the device and the device is driving a 100
Ω ±5% differential resistive
load. The output eye pattern of an LP-Serial transmitter that implements pre-emphasis (to equalize the link and reduce
inter-symbol interference) need only comply with the transmitter output compliance mask when pre-emphasis is disabled or
minimized.
Table 33. Long Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
-0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
800
1600
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
800
800
ps
±100 ppm
Table 34. Long Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
-0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
800
1600
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
400
400
ps
±100 ppm
Table 35. Long Run Transmitter AC Timing Specifications—3.125 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
-0.40
2.30
V
Voltage relative to COMMON of either signal
comprising a differential pair
Differential Output Voltage
VDIFFPP
800
1600
mVPP
Deterministic Jitter
JD
0.17
UIPP
Total Jitter
JT
0.35
UIPP
Multiple output skew
SMO
1000
ps
Skew at the transmitter output between lanes of a
multilane link
Unit Interval
UI
320
320
ps
±100 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com