Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
33
2.6.5.2
RGMII DC Electrical Characteristics
2.6.6
ATM/UTOPIA/POS DC Electrical Characteristics
Signal low input current, VIL = 0.4 V
1
IL
–30
30
μA
Signal high input current, VIH = 2.4 V
1
IH
–30
30
μA
Output high voltage, IOH = –4 mA,
VOH
2.4
3.465
V
Output low voltage, IOL= 4mA
VOL
—0.4
V
Input Pin Capacitance1
CIN
8pF
Note:
1. Not tested. Guaranteed by design.
Table 16. RGMII DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 2.5V
VDDGE1
VDDGE2
2.375
2.625
V
Input high voltage
VIH
1.7
2.625
V
Input low voltage
VIL
–0.3
0.7
V
Input leakage current, VIN = supply voltage
IIN
–30
30
μA
Signal low input current, VIL = 0.4 V
1
IL
–30
30
μA
Signal high input current, VIH = 2.4 V
1
IH
–30
30
μA
Output high voltage, IOH = –1 mA,
VOH
2.0
2.625
V
Output low voltage, IOL= 1 mA
VOL
—0.4
V
Input Pin Capacitance1
CIN
8pF
Note:
1. Not tested. Guaranteed by design.
Table 17. ATM/UTOPIA/POS DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDIO
3.135
3.465
V
Input high voltage
VIH
2.0
3.465
V
Input low voltage
VIL
–0.3
0.8
V
Input leakage current, VIN = supply voltage
IIN
–30
30
μA
Signal low input current, VIL = 0.4 V
1
IL
–30
30
μA
Signal high input current, VIH = 2.4 V
1
IH
–30
30
μA
Output high voltage, IOH = –4 mA,
VOH
2.4
3.465
V
Output low voltage, IOL= 4 mA
VOL
—0.5
V
Notes:
1.
Not tested. Guaranteed by design.
Table 15. MII, SMII and RMII DC Electrical Characteristics (continued)
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com