Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc TBD Datasheet HTML 38Page - Freescale Semiconductor, Inc TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc TBD Datasheet HTML 41Page - Freescale Semiconductor, Inc TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
38
2.7.3.3 Reset Timing Tables
Table 24 and Figure 8 describe the reset timing for a reset configuration.
See also Reset Errata for PLL lock and reset duration.
2.7.4
DDR SDRAM AC Timing Specifications
This section describes the AC electrical characteristics for the DDR SDRAM interface.
2.7.4.1
DDR SDRAM Input Timings
Table 25 provides the input AC timing specifications for the DDR SDRAM when VDDDDR (typ) = 2.5 V.
Table 24. Timing for a Reset Configuration Write
No.
Characteristics
Expression
Max
Min
Unit
1
Required external PORESET duration minimum
•
25 MHz <= CLKIN < 44 MHz
•
44 MHz <= CLKIN < 66 MHz
•
66 MHz <= CLKIN < 100 MHz
•
100 MHz <= CLKIN < 133 MHz
32/CLKIN
1280
728
485
320
727
484
320
241
ns
ns
ns
ns
2
Delay from de-assertion of external PORESET to HRESET deassertion for
external pins and hard coded RCW
•
25 MHz <= CLKIN < 66 MHz
•
66 MHz <= CLKIN <= 133 MHz
Delay from de-assertion of external PORESET to HRESET deassertion for
loading RCW the I2C interface
•
25 MHz <= CLKIN < 44 MHz
•
44 MHz <= CLKIN < 66 MHz
•
66 MHz <= CLKIN < 100 MHz
•
100 MHz <= CLKIN < 133 MHz
15369/CLKIN
34825/CLKIN
92545/CLKIN
107435/CLKIN
124208/CLKIN
157880/CLKIN
615
528
3702
2441
1882
1579
233
262
2103
1627
1242
1187
μs
μs
μs
μs
μs
μs
3
Delay from HRESET deassertion to SRESET deassertion
•
REFCLK = 25 MHz to 133 MHz
16/CLKIN
640
120
ns
Note:
Timings are not tested, but are guaranteed by design.
Figure 8. Timing for a Reset Configuration Write
Table 25. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.31
V
PORESET
HRESET
Input
Output (I/O)
SRESET
Output (I/O)
RCW_SRC2,RCW_SRC1,RCW_SRC0,STOP_BS and RCFG_CLKIN_RNG
pins must be valid
1
2
3
Reset configuration write
sequence during this
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com