Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 53Page - Freescale Semiconductor, Inc TBD Datasheet HTML 54Page - Freescale Semiconductor, Inc TBD Datasheet HTML 55Page - Freescale Semiconductor, Inc TBD Datasheet HTML 56Page - Freescale Semiconductor, Inc TBD Datasheet HTML 57Page - Freescale Semiconductor, Inc TBD Datasheet HTML 58Page - Freescale Semiconductor, Inc TBD Datasheet HTML 59Page - Freescale Semiconductor, Inc TBD Datasheet HTML 60Page - Freescale Semiconductor, Inc TBD Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
57
Figure 31. SMII Mode Signal Timing
2.7.10.6
RGMII AC Timing Specifications
Table 50 presents the RGMII AC timing specifications for applications requiring an on-board delayed clock.
Table 51 presents the RGMII AC timing specification for applications required non-delayed clock on board.
Table 50. RGMII with On-Board Delay AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKEWT
-0.5
—
0.5
ns
Data to clock input skew (at receiver) 2
tSKEWR
0.9
—
2.6
ns
Clock cycle duration 3
tRGT
7.2
8.0
8.8
ns
Duty cycle for 1000Base-T 4, 5
tRGTH/tRGT
45
50
55
%
Duty cycle for 10BASE-T and 100BASE-TX 3, 5
tRGTH/tRGT
40
50
60
%
Rise time (20%–80%)
tRGTR
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
GTX_CLK125 reference clock period
tG12
6
—8.0
—
ns
GTX_CLK125 reference clock duty cycle
tG125H/tG125
47
—
53
%
Notes:
1.
At recommended operating conditions with LVDD of 2.5 V +/- 5%.
2.
This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5 ns will
be added to the associated clock signal.
3.
For 10 and 100 Mbps, tRGT scales to 400 ns +/- 40 ns and 40 ns +/- 4 ns, respectively.
4.
Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as long
as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed transitioned
between.
5.
Duty cycle reference is LVdd/2.
6.
This symbol is used to represent the external GTX_CLK125 and does not follow the original symbol naming convention.
7.
GCR4 should be programmed as 0x00001004.
Table 51. RGMII with No On-Board Delay AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKEWT
–2.6
—
–0.9
ns
Data to clock input skew (at receiver) 2
tSKEWR
–0.5
—
0.5
ns
Clock cycle duration 3
tRGT
7.2
8.0
8.8
ns
Duty cycle for 1000Base-T 4, 5
tRGTH/tRGT
45
50
55
%
Duty cycle for 10BASE-T and 100BASE-TX 3, 5
tRGTH/tRGT
40
50
60
%
Rise time (20%–80%)
tRGTR
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
GTX_CLK125 reference clock period
tG12
6
—8.0
—
ns
Valid
ETHCLOCK
ETHSYNC_IN
ETHRXD
ETHSYNC
ETHTXD
Valid
Valid
tSMXR
tSMDXKH
tSMDVKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com