Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc TBD Datasheet HTML 38Page - Freescale Semiconductor, Inc TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc TBD Datasheet HTML 41Page - Freescale Semiconductor, Inc TBD Datasheet HTML 42Page - Freescale Semiconductor, Inc TBD Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
39
Table 26 provides the input AC timing specifications for the DDR SDRAM when VDDDDR (typ) = 1.8 V.
Table 27 provides the input AC timing specifications for the DDR SDRAM interface.
2.7.4.2
DDR SDRAM Output AC Timing Specifications
Table 28 provides the output AC timing specifications for the DDR SDRAM interface.
AC input high voltage
VIH
MVREF + 0.31
—
V
Note:
At recommended operating conditions with VDDDDR of 2.5 ± 5%.
Table 26. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface
Parameter
Symbol
Min
Max
Unit
AC input low voltage
VIL
—MVREF – 0.25
V
AC input high voltage
VIH
MVREF + 0.25
—
V
Note:
At recommended operating conditions with VDDDDR of 1.8 ± 5%.
Table 27. DDR SDRAM Input AC Timing Specifications
Parameter
Symbol
Min
Max
Unit
Controller Skew for MDQS—MDQ/MECC/MDM1
•400 MHz
•333 MHz
•266 MHz
•200 MHz
tCISKEW
–365
–390
–428
–490
365
390
428
490
ps
ps
ps
ps
Notes:
1.
tCISKEW represents the total amount of skew consumed by the controller between MDQS[n] and any corresponding bit that is
captured with MDQS[n]. Subtract this value from the total timing budget.
2.
At recommended operating conditions with VDDDDR (1.8 V or 2.5 V) ± 5%
Table 28. DDR SDRAM Output AC Timing Specifications
Parameter
Symbol 1
Min
Max
Unit
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)2
tMCK
310
ns
ADDR/CMD output setup with respect to MCK3
•400 MHz
•333 MHz
•266 MHz
•200 MHz
tDDKHAS
1.95
2.40
3.15
4.20
—
—
—
—
ns
ns
ns
ns
ADDR/CMD output hold with respect to MCK3
•400 MHz
•333 MHz
•266 MHz
•200 MHz
tDDKHAX
1.95
2.40
3.15
4.20
—
—
—
—
ns
ns
ns
ns
MCSn output setup with respect to MCK3
•400 MHz
•333 MHz
•266 MHz
•200 MHz
tDDKHCS
1.95
2.40
3.15
4.20
—
—
—
—
ns
ns
ns
ns
MCSn output hold with respect to MCK3
•400 MHz
•333 MHz
•266 MHz
•200 MHz
tDDKHCX
1.95
2.40
3.15
4.20
—
—
—
—
ns
ns
ns
ns
MCK to MDQS Skew4
tDDKHMH
–0.6
0.6
ns
Table 25. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface (continued)
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com