Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 23Page - Freescale Semiconductor, Inc TBD Datasheet HTML 24Page - Freescale Semiconductor, Inc TBD Datasheet HTML 25Page - Freescale Semiconductor, Inc TBD Datasheet HTML 26Page - Freescale Semiconductor, Inc TBD Datasheet HTML 27Page - Freescale Semiconductor, Inc TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc TBD Datasheet HTML 30Page - Freescale Semiconductor, Inc TBD Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
27
2.2
Recommended Operating Conditions
Table 3 lists recommended operating conditions. Proper device operation outside of these conditions is not guaranteed.
2.3
Default Output Driver Characteristics
Table 4 provides information on the characteristics of the output driver strengths. The values are preliminary estimates.
Table 3. Recommended Operating Conditions
Rating
Symbol
Min
Nominal
Max
Unit
Core supply voltage
VDD
0.97
1.0
1.05
V
PLL supply voltage
VDDPLL0
VDDPLL1
VDDPLL2
0.97
1.0
1.05
V
M3 memory Internal voltage
VDDM3
1.213
1.25
1.313
V
DDR memory supply voltage
• DDR mode
• DDR2 mode
DDR reference voltage
VDDDDR
MVREF
2.375
1.71
0.49
× VDDDDR
2.5
1.8
0.5
× VDDDDR
2.625
1.89
0.51
× VDDDDR
V
V
V
Ethernet 1 I/O voltage
• 2.5 V mode
• 3.3 V mode
VDDGE1
2.375
3.135
2.5
3.3
2.625
3.465
V
V
Ethernet 2 I/O voltage
• 2.5 V mode
• 3.3 V mode
VDDGE2
2.375
3.135
2.5
3.3
2.625
3.465
V
V
I/O voltage excluding Ethernet,
DDR, M3, and RapidIO lines
VDDIO
3.135
3.3
3.465
V
M3 memory I/O and M3 charge
pump voltage
VDDM3IO
V25M3
2.375
2.5
2.625
V
Rapid I/O C voltage
VDDSXC
0.95
1.0
1.05
V
Rapid I/O P voltage
• Short run (haul) mode
• Long run (haul) mode
VDDSXP
0.95
1.14
1.0
1.2
1.05
1.26
V
V
Rapid I/O PLL voltage
VDDRIOPLL
0.95
1.0
1.05
V
Operating temperature range:
• Standard
• Extended
TJ
TA
TJ
0
–40
—
90
—
105
°C
°C
°C
Note:
PLL supply voltage is specified at input of the filter and not at pin of the MSC8144E (see Figure 44).
Table 4. Output Drive Impedance
Driver Type
Output Impedance (
Ω)
DDR signal
18
DDR2 signal
18
35 (half strength mode)
PCI signals
25
Rapid I/O signals
100
Other signals
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com