Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 48Page - Freescale Semiconductor, Inc TBD Datasheet HTML 49Page - Freescale Semiconductor, Inc TBD Datasheet HTML 50Page - Freescale Semiconductor, Inc TBD Datasheet HTML 51Page - Freescale Semiconductor, Inc TBD Datasheet HTML 52Page - Freescale Semiconductor, Inc TBD Datasheet HTML 53Page - Freescale Semiconductor, Inc TBD Datasheet HTML 54Page - Freescale Semiconductor, Inc TBD Datasheet HTML 55Page - Freescale Semiconductor, Inc TBD Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
52
Note: For some TDM modes transmit data is being output on other pins. This timing is valid for it as well. See the MSC8144E
Reference Manual
2.7.8
UART Timing
Figure 22 shows the UART input AC timing
Figure 23 shows the UART output AC timing
Figure 21. TDM Output Signals
Table 43. UART Timing
Characteristics
Symbol
Expression
Min
Max
Unit
URXD and UTXD inputs high/low duration
TUREFCLK
16
× TREFCLK
160
—
ns
URXD and UTXD inputs rise/fall time
TUAVKH
6ns
UTXD output rise/fall time
TUAVXH
5.5
ns
Note:
TUREFCLK = TREFCLK is guaranteed by design.
Figure 22. UART Input Timing
Figure 23. UART Output Timing
TDMxTCLK
TDMxTDAT
TDMxTSYN
tTDMDHOX
tTDMDHOV
tTDMDHOZ
tTDMHOX
tTDMC
tTDMCH
tTDMCL
tTDMSHOX
tTDMSHOV
UTXD, URXD
TUREFCLK
inputs
TUAVKH
TUAVKH
TUREFCLK
UTXD output
TUAVXH
TUAVXH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com