Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 70Page - Freescale Semiconductor, Inc TBD Datasheet HTML 71Page - Freescale Semiconductor, Inc TBD Datasheet HTML 72Page - Freescale Semiconductor, Inc TBD Datasheet HTML 73Page - Freescale Semiconductor, Inc TBD Datasheet HTML 74Page - Freescale Semiconductor, Inc TBD Datasheet HTML 75Page - Freescale Semiconductor, Inc TBD Datasheet HTML 76Page - Freescale Semiconductor, Inc TBD Datasheet HTML 77Page - Freescale Semiconductor, Inc TBD Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
74
3.4.8
Miscellaneous Pins
Table 70 lists the board connections for the pins if they are required by the system design. Table 70 assumes that the alternate
function of the specified pin is not used. If the alternate function is used, connect that pin as required to support the selected
function.
Note:
For details on configuration, see the MSC8144E Reference Manual. For additional information, refer to the MSC8144
Design Checklist (AN3202).
3.5
External DDR SDRAM Selection
TBD
Table 70. Connectivity of Individual Pins When They Are Not Required
Signal Name
Pin Connection
CLKOUT
NC
EE0
GND
EE1
NC
GPIO[0–31]
NC
SCL
See the GPIO connectivity guidelines in this table.
SDA
See the GPIO connectivity guidelines in this table.
INT_OUT
NC
IRQ[0–15]
See the GPIO connectivity guidelines in this table.
NMI
VDDIO
NMI_OUT
NC
RC[0–16]
GND
RC_LDF
NC
STOP_BS
GND
TCK
GND
TDI
GND
TDO
NC
TMR[0–4]
See the GPIO connectivity guidelines in this table.
TMS
GND
TRST
GND
URXD
See the GPIO connectivity guidelines in this table.
UTXD
See the GPIO connectivity guidelines in this table.
VDDIO
3.3 V
Note:
When using I/O multiplexing mode 5 or 6, tie the TDM7TSYN/PCI_AD4 signal (ball number AC9) to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com