Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 58Page - Freescale Semiconductor, Inc TBD Datasheet HTML 59Page - Freescale Semiconductor, Inc TBD Datasheet HTML 60Page - Freescale Semiconductor, Inc TBD Datasheet HTML 61Page - Freescale Semiconductor, Inc TBD Datasheet HTML 62Page - Freescale Semiconductor, Inc TBD Datasheet HTML 63Page - Freescale Semiconductor, Inc TBD Datasheet HTML 64Page - Freescale Semiconductor, Inc TBD Datasheet HTML 65Page - Freescale Semiconductor, Inc TBD Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
62
2.7.14
JTAG Signals
Figure 39 Shows the Test Clock Input Timing Diagram
Figure 40 Shows the boundary scan (JTAG) timing diagram.
Table 55. JTAG Timing
Characteristics
Symbol
All frequencies
Unit
Min
Max
TCK cycle time
tTCKX
36.0
—
ns
TCK clock high phase measured at VM = 1.6 V
tTCKH
15.0
—
ns
TCK rise and fall times
tTCKR
—3.0
ns
Boundary scan input data set-up time
tBSVKH
0.0
—
ns
Boundary scan input data hold time
tBSXKH
15.0
—
ns
TCK fall to output data valid
tTCKHOV
—
20.0
ns
TCK fall to output high impedance
tTCKHOZ
—
24.0
ns
TMS, TDI data set-up time
tTDIVKH
0.0
—
ns
TMS, TDI data hold time
tTDIXKH
5.0
—
ns
TCK fall to TDO data valid
tTDOHOV
—
10.0
ns
TCK fall to TDO high impedance
tTDOHOZ
—
12.0
ns
TRST assert time
tTRST
100.0
—
ns
Note:
All timings apply to OnCE module data transfers as well as any other transfers via the JTAG port.
Figure 39. Test Clock Input Timing
Figure 40. Boundary Scan (JTAG) Timing
TCK
(Input)
VM
VM
tTCKX
tTCKH
tTCKR
tTCKR
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Input Data Valid
Output Data Valid
tBSXKH
tBSVKH
tTCKHOV
tTCKHOZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com