Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 47Page - Freescale Semiconductor, Inc TBD Datasheet HTML 48Page - Freescale Semiconductor, Inc TBD Datasheet HTML 49Page - Freescale Semiconductor, Inc TBD Datasheet HTML 50Page - Freescale Semiconductor, Inc TBD Datasheet HTML 51Page - Freescale Semiconductor, Inc TBD Datasheet HTML 52Page - Freescale Semiconductor, Inc TBD Datasheet HTML 53Page - Freescale Semiconductor, Inc TBD Datasheet HTML 54Page - Freescale Semiconductor, Inc TBD Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
51
2.7.7
TDM Timing
Figure 19 shows the TDM input AC timing.
Note: For some TDM modes receive data and receive sync are being input on other pins. This timing is valid for them as well.
See the MSC8144E Reference Manual.
Figure 20 shows TDMxTSYN AC timing in TSO=0 mode.
Figure 21 shows the TDM Output AC timing
Table 42. TDM Timing
Characteristic
Symbol
Expression
Min
Max
Units
TDMxRCLK/TDMxTCLK
tTDMC
TC1
16
—
ns
TDMxRCLK/TDMxTCLK high pulse width
tTDMCH
(0.5
± 0.1) × TC4
7—
ns
TDMxRCLK/TDMxTCLK low pulse width
tTDMCL
(0.5
± 0.1) × TC4
7—
ns
TDM receive all input set-up time related to TDMxRCLK
TDMxTSYN input set-up time related to TDMxTCLK in TSO=0 mode
tTDMVKH
3.6
—
ns
TDM receive all input hold time related to TDMxRCLK
TDMxTSYN input hold time related to TDMxTCLK in TSO=0 mode
tTDMXKH
1.9
—
ns
TDMxTCLK high to TDMxTDAT output active2
tTDMDHOX
2.5
—
ns
TDMxTCLK high to TDMxTDAT output valid2
tTDMDHOV
—9.8
ns
All output hold time (except TDMxTSYN) 3
tTDMHOX
2.5
—
ns
TDMxTCLK high to TDMxTDAT output high impedance2
tTDMDHOZ
—9.8
ns
TDMxTCLK high to TDMxTSYN output valid2
tTDMSHOV
—9.25
ns
TDMxTSYN output hold time3
tTDMSHOX
2.0
—
ns
Notes:
1.
Values are based on a a maximum frequency of 62.5 MHz. The TDM interface supports any frequency below 62.5 MHz.
2.
Values are based on 20 pF capacitive load.
3.
Values are based on 10 pF capacitive load.
4.
The expression is for common calculations only.
Figure 19. TDM Inputs Signals
Figure 20. TDMxTSYN in TSO=0 mode
TDMxRCLK
TDMxRDAT
TDMxRSYN
tTDMC
tTDMCH
tTDMCL
tTDMVKH
tTDMVKH
tTDMXKH
tTDMXKH
TDMxTCLK
TDMxTSYN
tTDMVKH
tTDMXKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com