Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  TBD Datasheet HTML 1Page - Freescale Semiconductor, Inc TBD Datasheet HTML 2Page - Freescale Semiconductor, Inc TBD Datasheet HTML 3Page - Freescale Semiconductor, Inc TBD Datasheet HTML 4Page - Freescale Semiconductor, Inc TBD Datasheet HTML 5Page - Freescale Semiconductor, Inc TBD Datasheet HTML 6Page - Freescale Semiconductor, Inc TBD Datasheet HTML 7Page - Freescale Semiconductor, Inc TBD Datasheet HTML 8Page - Freescale Semiconductor, Inc TBD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MSC8144E
Rev. 6, 12/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MSC8144E
FC-PBGA–783
29 mm
× 29 mm
• Four StarCore™ SC3400 DSP subsystems, each with an SC3400
DSP core, 16 Kbyte L1 instruction cache, 32 Kbyte L1 data cache,
memory management unit (MMU), extended programmable
interrupt controller (EPIC), two general-purpose 32-bit timers,
debug and profiling support, and low-power Wait and Stop
processing modes.
• Chip-level arbitration and system (CLASS) that provides full
fabric non-blocking arbitration between the processing elements
and other initiators and the M2 memory, DDR SRAM controller,
device configuration control and status registers, and other
targets.
• 128 Kbyte L2 shared instruction cache.
• 512 Kbyte M2 memory for critical data and temporary data
buffering.
• 10 Mbyte 128-b8t wide M3 memory.
• 96 Kbyte boot ROM.
• Three input clocks (shared, global, and differential).
• Four PLLs (system, core, global, and serial RapidIO).
• Security Engine (SEC0 optimized to process all the algorithms
associated with IPSec, IKE, WTLS/WAP, SSL/TLS, and 3GPP
using 4 crypto-channels with multi-command chains, integrated
controller for assignment of the six execution units (PKEU, DEU,
AESU, AFEU, MDEU, and KEU0) and the random number
generator (RNG), and XOR engine to accelerate parity checking
for RAID storage applications.
• DDR controller with up to a 200 MHz clock (400 MHz data rate),
16/32 bit data bus, supporting up to 1 Gbyte in up to two banks
and support for DDR1 and DDR2.
• DMA controller with 16 bidirectional channels with up to 1024
buffer descriptors, and programmable priority, buffer, and
multiplexing configuration.
• Up to eight independent TDM modules with programmable word
size (2, 4, 8, or 16-bit), hardware-base A-law/
μ-law conversion,
up to 128 Mbps data rate for all channels, with glueless interface
to E1 or T1 framers, and can interface with H-MVIP/H.110
devices, TSI, and codecs such as AC-97.
• QUICC Engine™ technology subsystem with dual RISC
processors, 48 Kbyte multi-master RAM, 48 Kbyte instruction
RAM, supporting three communication controllers with one ATM
and two Gigabit Ethernet interfaces, to offload scheduling tasks
from the DSP cores.
– The two Ethernet controllers support 10/100/1000 Mbps
operations via MII/RMII/SMII/RGMII/SGMII and the SGMII
protocol using a 4-pin SerDes interface at 1000 Mbps data rate
only.
– The ATM controller supports UTOPIA level II 8/16 bits at
25/50 MHz in UTOPIA/POS mode with adaptation layer
support AAL0, AAL2, and AAL5.
• PCI designed to comply with the PCI specification revision 2.2 at
33 MHz or 66 MHz with access to all PCI address spaces.
• Serial RapidIO® 1x/4x endpoint corresponds to Specification 1.2
of the RapidIO trade association, and supports read, write,
messages, doorbells, and maintenance accesses in inbound mode,
and messages and doorbells in outbound mode.
• I/O interrupt concentrator consolidates all chip maskable interrupt
and non-maskable interrupt sources and routes them to
INT_OUT, NMI_OUT, and the cores.
• UART that permits full-duplex operation with a bit rate of up to
6.25 Mbps.
• Serial peripheral interface (SPI).
• Four timer modules, each with four configurable16-bit timers.
• Four software watchdog timer (SWT) modules.
• Up to 32 general-purpose input/output (GPIO) ports, 16 of which
can be configured as maskable interrupt inputs.
•I2C interface that allows booting from EEPROM devices.
• Eight programmable hardware semaphores.
• Thirty two virtual maskable interrupts and one virtual NMI that
can be generated by a simple write access.
• Optional booting via serial RapidIO port, PCI, I2C, SPI, or
Ethernet interfaces.
Note:
This document supports mask set M31H.
Quad Core Digital Signal
Processor


Similar Part No. - TBD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TBD STMICROELECTRONICS-TBD Datasheet
145Kb / 10P
0.1/2.5 GHz Si MMIC BUFFER AMPLIFIERS
17-Jun-2002
logo
ON Semiconductor
TBD ONSEMI-TBD Datasheet
44Kb / 6P
Low Standby Power SMPS Controller
November, 2003 ??Rev. P0
logo
Integrated Circuit Syst...
TBD ICST-TBD Datasheet
110Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
112Kb / 5P
48 MHz Tiny USB Clock Source
Revision 111805
TBD ICST-TBD Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
More results

Similar Description - TBD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122 Datasheet
2Mb / 88P
Quad Core 16-Bit Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8102 FREESCALE-MSC8102 Datasheet
1Mb / 80P
Quad Core 16-Bit Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8154E FREESCALE-MSC8154E_11 Datasheet
889Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com