Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 72Page - Freescale Semiconductor, Inc TBD Datasheet HTML 73Page - Freescale Semiconductor, Inc TBD Datasheet HTML 74Page - Freescale Semiconductor, Inc TBD Datasheet HTML 75Page - Freescale Semiconductor, Inc TBD Datasheet HTML 76Page - Freescale Semiconductor, Inc TBD Datasheet HTML 77Page - Freescale Semiconductor, Inc TBD Datasheet HTML 78Page - Freescale Semiconductor, Inc TBD Datasheet HTML 79Page - Freescale Semiconductor, Inc TBD Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Product Documentation
Freescale Semiconductor
76
6
Product Documentation
•
MSC8144E Technical Data Sheet (MSC8144E). Details the signals, AC/DC characteristics, clock signal
characteristics, package and pinout, and electrical design considerations of the MSC8144E device.
•
MSC8144E Reference Manual (MSC8144ERM). Includes functional descriptions of the extended cores and all the
internal subsystems including configuration and programming information.
•
Application Notes. Cover various programming topics related to the StarCore DSP core and the MSC8144E device.
•
SC3400 DSP Core Reference Manual. Covers the SC3400 core architecture, control registers, clock registers, program
control, and instruction set.
•
MSC8144 SC3400 DSP Core Subsystem Reference Manual. Covers core subsystem architecture, functionality, and
registers.
7
Revision History
Table 71 provides a revision history for this data sheet.
Table 71. Document Revision History
Revision
Date
Description
0
June. 2007 • Initial public release.
1
Sep 2007
• Updated M3 voltage range in Table 3.
• Changed note in Table 7 for PLL power supplies.
• DDR voltage designator changed from VDD to VDDDDR in Table 8, Table 10, Section 2.7.4.1, Section
2.7.4.2, and Figure 11. Changed range on IOZ in Table 8 and Table 10.
• Deleted text before Table 13 and added note 2 to input pin capacitance.
• Deleted text before Table 14, added a 1 to the note, and added note 1 to input pin capacitance.
• Deleted Section 2.6.5 on page 32 and renumbered subsequent subsections.
• Deleted text before new Section 2.6.5.1.
• Added a 1 to the note in Table 15 and added note 1 to input pin capacitance.
• Deleted ac voltage rows from Table 16. Added note 1 to input pin capacitance.
• Changed output high and low voltage levels in Table 17 and Table 18.
• Deleted text before Table 19.
• Added clock skew ranges in percent in Table 21.
•Changed VREF to MVREF in Table 26.
•Changed VDD to VDDIO in Table 41 Updated note 2.
• Added note 4 to Table 42. Changed tTDMSHOX value.
•Changed VDD to VDDGE in Figure 27 and Figure 30.
• Changed the value of the data to clock out skew in Table 51.
• Changed EE pin timing in Table 55.
• Changed the head for the JTAG timing section, now Section 2.7.14.
• Updated JTAG timing for TCK cycle time, TCK high phase, and boundary scan input data hold time in
Table 55.
•Added new Section 3.3 with guidelines for board layout for clock and timing signals. Renumbered
subsequent sections.
2
Sep 2007
• Changed leakage current values in Table 13, Table 14, Table 15, Table 16, Table 17, Table 18, and Table 19
from –10 and 10
μa to –30 and 30 μa.
• Change the minimum value of tMDDVKH in Table 45 from 5 ns to 7 ns.
• Updated note 1 in Table 45.
3
Oct 2007
• Corrected column numbering in Figure 3 and Figure 4.
• Updated SPI signal names in Table 1.
4
Oct 2007
• Updated SPI signal names in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com