Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 52Page - Freescale Semiconductor, Inc TBD Datasheet HTML 53Page - Freescale Semiconductor, Inc TBD Datasheet HTML 54Page - Freescale Semiconductor, Inc TBD Datasheet HTML 55Page - Freescale Semiconductor, Inc TBD Datasheet HTML 56Page - Freescale Semiconductor, Inc TBD Datasheet HTML 57Page - Freescale Semiconductor, Inc TBD Datasheet HTML 58Page - Freescale Semiconductor, Inc TBD Datasheet HTML 59Page - Freescale Semiconductor, Inc TBD Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
56
Figure 29 shows the RMII transmit and receive AC timing diagram.
Figure 30 provides the AC test load.
2.7.10.5
SMII AC Timing Specification
Figure 31 provides the AC test load.
Figure 29. RMII Transmit and Receive AC Timing
Figure 30. AC Test Load
Table 49. SMII Mode Signal Timing
Characteristics
Symbol
Min
Max
Unit
ETHSYNC_IN, ETHRXD to ETHCLOCK rising edge set-up time
tSMDVKH
1.5
—
ns
ETHCLOCK rising edge to ETHSYNC_IN, ETHRXD hold time
tSMDXKH
1.0
—
ns
ETHCLOCK rising edge to ETHSYNC, ETHTXD output delay
tSMXR
1.5
5.0
ns
Notes:
1.
Typical REF_CLK clock period is 8ns
2.
Measured using a 5 pF load.
3.
Measured using a 15 pF load
4.
REF_CLK duty cycle is TBD.
5.
Program GCR4 as 0x00002008
REF_CLK
TXD[1–0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN
RXD[1–0]
tRMRDXKH
CRS_DV
RX_ER
tRMRDVKH
Valid Data
Output
Z0 = 50 Ω
VDDGE/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com