Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 41Page - STMicroelectronics L99PM72PXP Datasheet HTML 42Page - STMicroelectronics L99PM72PXP Datasheet HTML 43Page - STMicroelectronics L99PM72PXP Datasheet HTML 44Page - STMicroelectronics L99PM72PXP Datasheet HTML 45Page - STMicroelectronics L99PM72PXP Datasheet HTML 46Page - STMicroelectronics L99PM72PXP Datasheet HTML 47Page - STMicroelectronics L99PM72PXP Datasheet HTML 48Page - STMicroelectronics L99PM72PXP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
L99PM72PXP
Protection and diagnosis
Doc ID 023553 Rev 3
45/128
3.3
High side driver outputs
The component provides a total of 4 high side outputs Out1...4, (7
 typ. at 25°C) to drive
e.g. LED's or hall sensors and 1 high side output OUT_HS with 1  typ. at 25°C).
●
The high side outputs switch off in case of:
●
VS overvoltage and undervoltage
●
Overcurrent
●
Overtemperature (TSD1) with pre warning(c)
In case of overcurrent or overtemperature (TSD1) condition, the drivers switch off. The
according status bit is latched and can be read and optionally cleared by SPI. The drivers
remain off until the status is cleared.
In case overvoltage or undervoltage condition, the drivers are switched off. The according
status bit is latched and can be read and optionally cleared by SPI. If the VLOCK_OUT_EN
bit (Control Register 4) is set to ‘1’ the drivers remain off until the status is cleared. If the
VLOCK_OUT_EN bit is set to ‘0’ the drivers switch on automatically if the error condition
disappears.
In case of open load condition, the according status register is latched. The status can be
read and optionally cleared by SPI. The High sides are not switched off.
For OUT_HS the auto recovery feature (OUTHS_rec_en bit Control Register 4) can be
enabled. If this bit is set to ‘1’ the driver automatically restarts from a overload condition.
This overload recovery feature is intended for loads which have an initial current higher than
the over current limit of the output (e.g. Inrush current of cold light bulbs). During auto
recovery mode the over current status bit can not be read from SPI.
The device itself cannot distinguish between a real overload and a non linear load like a light
bulb. A real overload condition can only be qualified by time. As an example, the micro
controller can switch on light bulbs by setting the over current recovery bit for the first 50 ms.
After clearing the recovery bit, the output is automatically disabled if the overload condition
still exists.
In case of a fail safe condition, the high side drivers are switched off. The control bits are set
to default values. (except OUT3/FSO if it is used as a High Side Driver Output)
Note:
The maximum voltage and current applied to the High Side Outputs is specified in 2.1
‘Absolute Maximum Ratings’. Appropriate external protection may be required in order to
respect these limits under application conditions.
Each high side driver can be driven whether with a PWM signal or with a internal Timer (see
Table 8).
For more details please refer to Section 6.2.3: Control Register 1
c.
Except OUT3 when configured as FSO
Table 8.
PWM configuration for high-side outputs
High side output
PWM channel
Internal timer
OUT1
PWM 1
Timer 1
OUT2
PWM 2
Timer 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com