Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 85 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 81Page - STMicroelectronics L99PM72PXP Datasheet HTML 82Page - STMicroelectronics L99PM72PXP Datasheet HTML 83Page - STMicroelectronics L99PM72PXP Datasheet HTML 84Page - STMicroelectronics L99PM72PXP Datasheet HTML 85Page - STMicroelectronics L99PM72PXP Datasheet HTML 86Page - STMicroelectronics L99PM72PXP Datasheet HTML 87Page - STMicroelectronics L99PM72PXP Datasheet HTML 88Page - STMicroelectronics L99PM72PXP Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
85/128
The <ID-Header> (ROM address 00H) indicates the product family and specifies the highest
address which contains product information
<Family Identifier>: 01 Hex (BCD)
<Highest address>: 03 Hex
The <Product Code 1> (ROM address 02H) and <Product Code 2> (ROM address 03H)
represents a unique code to identify the product name.
<Product Code 1>: 4BHex
<Product Code 2>: 27 Hex
The <Silicon Version> (ROM address 01H) provides information about the silicon version
according to the table below:
The <SPI-frame-ID> (ROM address 3EH) provides information about the register width (1,
2, 3 bytes) and the availability of ‘Burst Mode Read’ and watchdog.
11
01H
<silicon version>
Indicates Design Version
According to
silicon version
11
00H
<ID Header>
Device family max address of device information
43 Hex
Table 68.
ID-header
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
1
000011
Family Identifier
Highest address containing device information
Table 69.
Family identifier
Bit 7
Bit 6
Meaning
00
VIPower
01
BCD
10
VIPower hybrid
11
TBD
Table 70.
Silicon version identifier
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Silicon version
Table 67.
Read device information (continued)
Op Code
ROM address
Device information
Value
OC1
OC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com