Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 11Page - STMicroelectronics L99PM72PXP Datasheet HTML 12Page - STMicroelectronics L99PM72PXP Datasheet HTML 13Page - STMicroelectronics L99PM72PXP Datasheet HTML 14Page - STMicroelectronics L99PM72PXP Datasheet HTML 15Page - STMicroelectronics L99PM72PXP Datasheet HTML 16Page - STMicroelectronics L99PM72PXP Datasheet HTML 17Page - STMicroelectronics L99PM72PXP Datasheet HTML 18Page - STMicroelectronics L99PM72PXP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
15/128
The circuit in Figure 4 provides additional current limitation using an additional PNP
transistor and R6, which allows setting the current limit.
Figure 5.
Voltage source with external NPN
Figure 6.
Voltage source with external NPN and current limitation
Figure 5 shows a possible configuration with an NPN pass element using Voltage Regulator
2 to provide the voltage reference for the regulated output voltage V3. This circuit requires
fewer components compared to the configuration in Figure 3 but has a limited VS operating
range (6 V to 18 V).
The output voltage V3 can be calculated using the following formula (for R3 = R4):
The circuit in Figure 6 provides additional current limitation using an additional NPN
transistor and R5 which allows setting the current limit.
V
3
V
2
2
-------
R
1
R
2
+
R
2
--------------------- V

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com