Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 48 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 44Page - STMicroelectronics L99PM72PXP Datasheet HTML 45Page - STMicroelectronics L99PM72PXP Datasheet HTML 46Page - STMicroelectronics L99PM72PXP Datasheet HTML 47Page - STMicroelectronics L99PM72PXP Datasheet HTML 48Page - STMicroelectronics L99PM72PXP Datasheet HTML 49Page - STMicroelectronics L99PM72PXP Datasheet HTML 50Page - STMicroelectronics L99PM72PXP Datasheet HTML 51Page - STMicroelectronics L99PM72PXP Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
Typical application
L99PM72PXP
48/128
Doc ID 023553 Rev 3
4
Typical application
Figure 25.
Typical application diagram
1.
In case a LIN/CAN conformance test has to be executed on the device, some capacitances have to be
placed on the Fixed-Function-Unit pins:
- 22 nF (low ESR and close to the pin) for all power outputs (OUT_HS, OUT1 … 4, REL1 and REL2) and
also for the wake-up inputs, if they go out of the PCB.
- 47 µF and a 100 nF low ESR capacitance (close to the pin) at the power supply VS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com