Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 27Page - STMicroelectronics L99PM72PXP Datasheet HTML 28Page - STMicroelectronics L99PM72PXP Datasheet HTML 29Page - STMicroelectronics L99PM72PXP Datasheet HTML 30Page - STMicroelectronics L99PM72PXP Datasheet HTML 31Page - STMicroelectronics L99PM72PXP Datasheet HTML 32Page - STMicroelectronics L99PM72PXP Datasheet HTML 33Page - STMicroelectronics L99PM72PXP Datasheet HTML 34Page - STMicroelectronics L99PM72PXP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
31/128
2.6
Reset output (NRESET)
If V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output
“NRESET” is pulled up by internal pull up resistor to V1 voltage after a reset delay time (trd).
This is necessary for a defined start of the micro controller when the application is switched
on. Since the NRESET output is realized as an open drain output it is also possible to
connect an external NRESET open drain NRESET source to the output. As soon as the
NRESET is released by the L99PM72 the Watchdog timing starts with a long open window.
A reset pulse is generated in case of:
●
V1 drops below VRTH (configurable by SPI) for t > tUV1
●
watchdog failure
●
turn-on of the V1 regulator (VS power-on or wake-up from Vbat_standby mode)
2.7
Operational amplifiers
The operational amplifiers are especially designed to be used for sensing and amplifying the
voltage drop across ground connected shunt resistors. Therefore the input common mode
range includes -0.2 V to 3V.
The operational amplifiers are designed for -0.2 V to 3 V input voltage swing and rail-to-rail
output voltage range.
All pins (positive, negative and outputs) are available to be able to operate in non-inverting
and inverting mode. Both operational amplifiers are on-chip compensated for stability over
the whole operating range within the defined load impedance.
The Operational Amplifiers may also be used to setup an additional high current voltage
source with an external pass element. Refer to Section 2.1.3 for a detailed description.
Table 7.
Persisting fail safe conditions and exit modes
Failure source Failure condition
Diagnosis
Exit from Fail_safe Mode
µC (oscillator)
15 consecutive
watchdog failures
Fail_safe = 1;
Forced_Sleep_WD = 1
Wake-up
TRIG = 1 during LOWi
Read & Clear SR3
V1
short at turn-on
Fail_safe = 1;
Forced_Sleep_TSD2_SHTV1 = 1
Read & Clear SR3 after
wake-up
Temperature
7 times TSD2
Fail_safe = 1; TW = 1; TSD1 = 1;
TSD2 = 1;
Forced_Sleep_TSD2_SHTV1=1
Read & Clear SR3 after
wake-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com