Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 56Page - STMicroelectronics L99PM72PXP Datasheet HTML 57Page - STMicroelectronics L99PM72PXP Datasheet HTML 58Page - STMicroelectronics L99PM72PXP Datasheet HTML 59Page - STMicroelectronics L99PM72PXP Datasheet HTML 60Page - STMicroelectronics L99PM72PXP Datasheet HTML 61Page - STMicroelectronics L99PM72PXP Datasheet HTML 62Page - STMicroelectronics L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
Electrical specifications
L99PM72PXP
60/128
Doc ID 023553 Rev 3
Figure 32.
Watchdog early, late and safe windows
5.5.8
High side outputs
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.8 V < V1 < 5.2 V; Tj = -40°C to 130°C, unless
otherwise specified.
Table 21.
Output (OUT_HS)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RDS(on)
Static drain source on-
resistance
(IOUT_HS =150 mA)
Tj =25°C
1.0
2.0
Tj =125°C
1.6
3
td(on)
Switch on delay time
0.2 VS
535
60
µs
td(off)
Switch off delay time
0.8 VS
40
95
150
µs
tSCF
Short circuit filter time
Tested by scan chain
64 * TOSC
td_ARHS Auto recovery filter time
Tested by scan chain
400 * TOSC
dVOUT/dt Slew rate
0.18
0.5
0.8
V/µs
IOUT
Short circuit shut down
current
480
900
1320
mA
IOLD
Open load detection current
40
80
120
mA
tOLDT
Open load detection time
Tested by scan chain
64 * TOSC
IFW
(1)
1.
Parameter guaranteed by design.
Loss of GND current (ESD
structure)
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com