Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 79Page - STMicroelectronics L99PM72PXP Datasheet HTML 80Page - STMicroelectronics L99PM72PXP Datasheet HTML 81Page - STMicroelectronics L99PM72PXP Datasheet HTML 82Page - STMicroelectronics L99PM72PXP Datasheet HTML 83Page - STMicroelectronics L99PM72PXP Datasheet HTML 84Page - STMicroelectronics L99PM72PXP Datasheet HTML 85Page - STMicroelectronics L99PM72PXP Datasheet HTML 86Page - STMicroelectronics L99PM72PXP Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
83/128
6.1.10
Read and Clear Status Operation
The ‘Read and Clear Status’ operation starts with a Command Byte followed 2 data bytes.
The number of data bytes is specified in the <SPI-frame-ID>. The content of the data bytes
is ‘don’t care’. The content of the addressed Status Register is transferred to SDO within the
same frame (‘in-frame response’) and is subsequently cleared.
A ‘Read and Clear Status’ operation with address 3FH clears all Status registers (incl. the
<Global Status> register). The Configuration Register is read by this operation.
OC0, OC1: operating code (10 for ‘read and clear status’ mode)
A0 to A5: address bits
Format of data shifted out at SDO during ‘Read and Clear Status’ operation
Table 61.
Read and clear status command format: command byte
MSB
LSB
Op Code
Address
1
0
A5
A4
A3
A2
A1
A0
Table 62.
Read and clear status command format: data byte 1
MSB
LSB
0
0
00
00
0
0
Table 63.
Read and clear status command format: data byte 2
MSB
LSB
0
0
00
00
0
0
Table 64.
Format of data shifted out at SDO during read and clear status: global
status register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global error
flag (GEF)
Communication
error
Not (chip reset OR
comm error)
TSD2
TSD1
V1 Fail
VS Fail
(OV/UV)
Fail
safe
Table 65.
Format of data shifted out at SDO during read and clear status:
data byte 1
MSB
Previous content of addressed register
LSB
D15
D14
D13
D12
D11
D10
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com