Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 69 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics L99PM72PXP Datasheet HTML 67Page - STMicroelectronics L99PM72PXP Datasheet HTML 68Page - STMicroelectronics L99PM72PXP Datasheet HTML 69Page - STMicroelectronics L99PM72PXP Datasheet HTML 70Page - STMicroelectronics L99PM72PXP Datasheet HTML 71Page - STMicroelectronics L99PM72PXP Datasheet HTML 72Page - STMicroelectronics L99PM72PXP Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
69/128
Figure 33.
LIN transmit, receive timing
5.5.13
Operational amplifier
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; Tj = -40°C to 130°C, unless otherwise specified.
Note:
The operational amplifier is on-chip stabilized for external capacitive loads CL < 25pF (all
operating conditions)
Table 35.
Operational amplifier
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
GBW
GBW product
1
3.5
7.0
MHz
AVOLDC
DC open loop gain
80
dB
PSRR
Power supply rejection
DC, VIN = 150 mV
80
dB
Voff
Input offset voltage
-5
+5
mV
VICR
Common mode input range
-0.2
0
3
V
VOH
Output voltage range high
ILOAD = 1 mA to GND
VS -0.2
VS
V
VOL
Output voltage range low
ILOAD = 1 mA to VS
0
0.2
V
ILim+
Output current limitation +
DC
10
15
30
mA
Ilim-
Output current limitation -
DC
-10
-15
-30
mA
SR+
Slew rate positive
1
4
10
V/µs
SR-
Slew rate negative
-1
-4
-10
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com