Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 60Page - STMicroelectronics L99PM72PXP Datasheet HTML 61Page - STMicroelectronics L99PM72PXP Datasheet HTML 62Page - STMicroelectronics L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics L99PM72PXP Datasheet HTML 67Page - STMicroelectronics L99PM72PXP Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
Electrical specifications
L99PM72PXP
64/128
Doc ID 023553 Rev 3
IOCANH,dom (0V)
CANH output current
in dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANH =0V
-160
-75
-45
mA
IOCANL,dom (5V)
CANL output current
in dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANL =5V
45
75
160
mA
IOCANH,dom (40V)
CANH output current
in dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANH =40V;
VCANL =0V;
VS =40 V
025
mA
IOCANL,dom (40V)
CANL output current
in dominant state
Active mode;
VTXDC =VTXDCLOW;
VCANL =40V;
VCANH =0V;
VS =40 V
47
75
160
mA
Ileakage,CANH
Input leakage current
Unpowered device;
VBUS =5V;
–Vcansupply connect
0
 to GND
–Vcansupply connect
47 k
 to GND(1)
-10
—
10
µA
Ileakage,CANL
Input leakage current
Unpowered device;
VBUS =5V;
–Vcansupply connect
0
 to GND
–Vcansupply connect
47 k
 to GND(1)
-10
—
10
µA
Rin
Internal resistance
Active mode &
V1- standby mode;
VTXDC =VTXDCHIGH;
No load
20
27.5
38
k
Rin,matching
Internal Resistor
matching
CANH,CANL
Active mode &
V1_standby mode;
VTXDC =VTXDCHIGH;
No load;
Rin(CANH) – Rin(CANL)
3%
Rin,diff
Differential internal
resistance
Active mode &
V1_standby mode;
VTXDC =VTXDCHIGH;
No load
50
60
75
k
Cin
Internal capacitance
Guaranteed by
design
20
40
pF
Cin,diff
Differential internal
capacitance
Guaranteed by
design
10
20
pF
Table 28.
CAN transmitter and receiver: pins CANH and CANL (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com