Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 100 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 96Page - STMicroelectronics L99PM72PXP Datasheet HTML 97Page - STMicroelectronics L99PM72PXP Datasheet HTML 98Page - STMicroelectronics L99PM72PXP Datasheet HTML 99Page - STMicroelectronics L99PM72PXP Datasheet HTML 100Page - STMicroelectronics L99PM72PXP Datasheet HTML 101Page - STMicroelectronics L99PM72PXP Datasheet HTML 102Page - STMicroelectronics L99PM72PXP Datasheet HTML 103Page - STMicroelectronics L99PM72PXP Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 128 page
background image
ST SPI
L99PM72PXP
100/128
Doc ID 023553 Rev 3
6.2.7
Control Register 5
3
CAN_Loop_En
Enable looping of CANTX to CANRXD
0
No looping
1
TXDC is looped to RXDC
2
Reserved
Must be kept at default
1
Reserved
Must be kept at default
0
CAN_Rec_only
Enable CAN receive only mode
0
CAN in transceiver mode
Active mode
1
CAN in receive only mode
Table 88.
Control register 4, bits (continued)
Bit
Name
Comment
Table 89.
Control register 5: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
1
0
1
Data, 8bit
Data, 8 bit
Table 90.
Control register 5, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0111
1111
00000
000
Function
Group
PWM2 setting
PWM1 setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com