Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 30 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 26Page - STMicroelectronics L99PM72PXP Datasheet HTML 27Page - STMicroelectronics L99PM72PXP Datasheet HTML 28Page - STMicroelectronics L99PM72PXP Datasheet HTML 29Page - STMicroelectronics L99PM72PXP Datasheet HTML 30Page - STMicroelectronics L99PM72PXP Datasheet HTML 31Page - STMicroelectronics L99PM72PXP Datasheet HTML 32Page - STMicroelectronics L99PM72PXP Datasheet HTML 33Page - STMicroelectronics L99PM72PXP Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
Detailed description
L99PM72PXP
30/128
Doc ID 023553 Rev 3
Figure 17.
Example: exit Fail-Safe mode from Watchdog failure
2.5.2
Multiple failures – entering forced VBat_standby Mode
If the Fail-Safe condition persists and all attempts to return to normal system operation fail,
the L99PM72PXP enters the Forced Vbat_standby Mode in order to prevent damage to the
system. The Forced Vbat_standby Mode can be terminated by any regular wake-up event. The
root cause of the Forced Vbat_standby is indicated in the SPI Status Registers
The forced Vbat_standby Mode is entered in case of:
●
Multiple watchdog failures: forced sleep WD = 1 (15 x watchdog failure)
●
Multiple thermal shutdown 2: forced sleep TSD2/SHTV1 = 1 (7 x TSD2)
●
V1 short at turn-on: forced sleep TSD2/SHTV1 = 1 (V1 <V1_Fail for t > tv1fail)
Temperature
Tj >TSD2
Fail_safe =1; TW=1; TSD1 = 1;
TSD2 = 1
Tj <TSD2
Read & Clear SR3
SPI
DI short to GND or
VCC
Fail_safe = 1
Valid SPI command
1.
If V1 < V1_Fail (for t > tv1fail)
The Fail_safe Bit is located in the Global Status Register (Bit 0)
Table 6.
Fail-Safe conditions and exit modes (continued)
Failure source
Failure condition
Diagnosis
Exit from Fail_safe
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com