Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 96 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 92Page - STMicroelectronics L99PM72PXP Datasheet HTML 93Page - STMicroelectronics L99PM72PXP Datasheet HTML 94Page - STMicroelectronics L99PM72PXP Datasheet HTML 95Page - STMicroelectronics L99PM72PXP Datasheet HTML 96Page - STMicroelectronics L99PM72PXP Datasheet HTML 97Page - STMicroelectronics L99PM72PXP Datasheet HTML 98Page - STMicroelectronics L99PM72PXP Datasheet HTML 99Page - STMicroelectronics L99PM72PXP Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
ST SPI
L99PM72PXP
96/128
Doc ID 023553 Rev 3
6.2.5
Control Register 3
Table 83.
Control register 3: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
1
1
Data, 8bit
Data, 8 bit
Table 84.
Control register 3, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0000
0000
00001
100
Function
Reserved
Group
Timer Settings
Watchdog and cyclic wake up settings
Table 85.
Control register 3, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
T1_On
Timer 1 “ON” time selections
010 ms
120 ms
13
T1_Per_MSB
Timer 1 period selection
12
T1_Per_LSB
MSB
LSB
00
1 s
01
2 s
10
3 s
11
4 s
Timer 1 is restarted with a valid write command to control register 3
11
Reserved
Must be kept at default
10
T2_On
Timer 2 “ON” time selection
00.1 ms
11 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com