Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 86 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 82Page - STMicroelectronics L99PM72PXP Datasheet HTML 83Page - STMicroelectronics L99PM72PXP Datasheet HTML 84Page - STMicroelectronics L99PM72PXP Datasheet HTML 85Page - STMicroelectronics L99PM72PXP Datasheet HTML 86Page - STMicroelectronics L99PM72PXP Datasheet HTML 87Page - STMicroelectronics L99PM72PXP Datasheet HTML 88Page - STMicroelectronics L99PM72PXP Datasheet HTML 89Page - STMicroelectronics L99PM72PXP Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
ST SPI
L99PM72PXP
86/128
Doc ID 023553 Rev 3
BR: Burst-Mode read (1 = Burst-Mode read is supported)
WD: Watchdog (1 = available, 0 = not available)
32-, 24-, 16-bit: width of SPI frame
<Burst Mode>: not supported
<Watchdog>: available
<Frame width>: 24 bit
6.2
SPI registers
6.2.1
Overview command byte
Table 71.
SPI-frame-ID
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0100
0
0
1
0
BR
WD
X
X
X
32-bit
24-bit
16-bit
Table 72.
SPI register: command byte
Read/write
Address
xx
xx
xx
x
x
Table 73.
SPI register: mode selection
Read/write
Mode selection
00
Write
01
Read
1
0
Read and clear
1
1
Read device info
Table 74.
SPI register: CTRL register selection
CTRL register 1…6
CTRL register selection
000001
CTRL register1
000010
CTRL register2
000011
CTRL register3
000100
CTRL register4
000101
CTRL register5
000110
CTRL register6
000111
CTRL register7
001000
CTRL register8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com