Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 67 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics L99PM72PXP Datasheet HTML 67Page - STMicroelectronics L99PM72PXP Datasheet HTML 68Page - STMicroelectronics L99PM72PXP Datasheet HTML 69Page - STMicroelectronics L99PM72PXP Datasheet HTML 70Page - STMicroelectronics L99PM72PXP Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
67/128
VTHwkdwn
Receiver wakeup
threshold voltage
VS -3.5 VS -2.5 VS -1.5
V
tlinbus
Dominant time for
wakeup via bus
Sleep mode; Edge: rec-dom
64 *
TOSC
µs
ILINDomSC
Transmitter input
current limit in
dominant state
VTXD =VTXDLOW;
VLIN =VBATMAX =18 V
40
100
180
mA
Ibus_PAS_dom
Input leakage
current at the
receiver incl. pull-
up resistor
VTXD =VTXDHIGH; VLIN =0V;
VBAT =12V
(1)
-1
mA
Ibus_PAS_rec
Transmitter input
current in
recessive state
In stanby Modes;
VTXD =VTXDHIGH; VLIN >8V;
VBAT <18V; VLIN  VBAT
20
µA
Ibus_NO_GND
Input current if loss
of GND at Device
GND = VS; 0 V < VLIN <18V;
VBAT =12V
-1
1
mA
Ibus
Input current if loss
of VBAT at Device
GND = VS; 0 V < VLIN <18V
100
µA
VLINdom
LIN voltage level in
dominant state
Active mode;
VTXD =VTXDLOW; ILIN =40mA
1.2
V
VLINrec
LIN voltage level in
recessive state
Active mode;
VTXD =VTXDHIGH; ILIN =10µA
0.8 *
VS
1V
RLINup
LIN output pull up
resistor
VLIN =0V
20
40
60
k
CLIN
LIN input
capacitance
90
pF
1. Slave mode.
Table 33.
LIN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tRXpd
Receiver
propagation delay
time
tRXpd = max(tRXpdr,tRXpdf);
tRXpdf = t(0.5 VRXD) - t(0.45 VLIN);
tRXpdr = t(0.5 VRXD)- t(0.55 VLIN);
VS = 12 V; CRXD = 20 pF;
Rbus =1k; Cbus =1nF;
Rbus =660 ; Cbus =6.8 nF;
Rbus =500 ; Cbus =10 nF
6µs
tRXpd_sym
Symmetry of
receiver propagation
delay time (rising vs.
falling edge)
tRXpd_sym = tRXpdr -tRXpdf;
VS = 12 V; Rbus =1k;
Cbus =1nF; CRXD = 20 pF
-2
2
µs
Table 32.
LIN transmitter and receiver: pin LIN (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com