Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 84 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 80Page - STMicroelectronics L99PM72PXP Datasheet HTML 81Page - STMicroelectronics L99PM72PXP Datasheet HTML 82Page - STMicroelectronics L99PM72PXP Datasheet HTML 83Page - STMicroelectronics L99PM72PXP Datasheet HTML 84Page - STMicroelectronics L99PM72PXP Datasheet HTML 85Page - STMicroelectronics L99PM72PXP Datasheet HTML 86Page - STMicroelectronics L99PM72PXP Datasheet HTML 87Page - STMicroelectronics L99PM72PXP Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
ST SPI
L99PM72PXP
84/128
Doc ID 023553 Rev 3
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the content of the register to be read.
Figure 43.
Format of data shifted out at SDO during read and clear status operation
6.1.11
Read device information
The device information is stored at the ROM addresses defined below and is read using the
respective operating code.
Table 66.
Format of data shifted out at SDO during read and clear status:
data byte 2
MSB
Previous content of addressed register
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Table 67.
Read device information
Op Code
ROM address
Device information
Value
OC1
OC0
1
1
3FH
Reserved
00
11
3EH
<SPI frame ID>
Includes frame width and availability of watchdog
42 Hex
1
1
04H to 3DH
unused
00
11
03H
<product code 2>
Unique product identifier
27h
11
02H
<product code 1>
Unique product identifier
4Bh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com