Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 59Page - STMicroelectronics L99PM72PXP Datasheet HTML 60Page - STMicroelectronics L99PM72PXP Datasheet HTML 61Page - STMicroelectronics L99PM72PXP Datasheet HTML 62Page - STMicroelectronics L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics L99PM72PXP Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
63/128
Table 27.
CAN receive data output: pin RxDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VRXDCLOW
Output voltage
dominant level
Active mode, V1 = 5 V; 2 mA
0.2
0.5
V
VRXDCHIGH
Output voltage
recessive level
Active mode, V1 =5V; 2mA
4.5
V
Table 28.
CAN transmitter and receiver: pins CANH and CANL
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCANHdom
CANH voltage level
in dominant state
Active mode;
VTXDC =VTXDCLOW;
RL =60 ; RL =50 
2.75
4.5
V
VCANLdom
CANL voltage level in
dominant state
Active mode;
VTXDC =VTXDCLOW;
RL =60 ; RL =50 
0.5
2.25
V
VDIFF,domOUT
Differential output
voltage in dominant
state: VCANHdom -
VCANLdom
Active mode;
VTXDC =VTXDCLOW;
RL =60 ; RL =50 
1.5
3
V
VCM
Driver symmetry:
VCANHdom+VCANLdom
Active mode;
VTXDC =VTXDCLOW;
RL =60 
0.9 *
VCANSUP
VCANSUP
1.1 *
VCANSUP
V
VCANHrec
CANH voltage level
in recessive state
(Normal Mode)
Active mode;
VTXDC =VTXDCHIGH;
No load
22.5
3
V
VCANLrec
CANL voltage level in
recessive state
(Normal Mode)
Active mode;
VTXDC =VTXDCHiGH;
No load
22.5
3
V
VCANHrecLP
CANH voltage level
in recessive state
(Low Power Mode)
V1_standby mode;
VTXDC =VTXDCHIGH;
No load
-0.1
0
0.1
V
VCANLrecLP
CANL voltage level in
recessive state (Low
Power Mode)
V1_standby mode;
VTXDC =VTXDCHiGH;
No load
-0.1
0
0.1
V
VDIFF,recOUT
Differential output
voltage in recessive
state (Normal Mode):
VCANHrec -VCANLrec
Active mode;
VTXDC =VTXDCHIGH;
No load
-50
50
mV
VDIFF,recOUTLP
Differential output
voltage in recessive
state (Low Power
Mode): VCANHrec -
VCANLrec
V1_standby mode;
VTXDC =VTXDCHIGH;
No load
-50
50
mV
VCANHL,CM
Common mode Bus
voltage
Measured with
respect to the ground
of each CAN node
-12
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com