Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 51Page - STMicroelectronics L99PM72PXP Datasheet HTML 52Page - STMicroelectronics L99PM72PXP Datasheet HTML 53Page - STMicroelectronics L99PM72PXP Datasheet HTML 54Page - STMicroelectronics L99PM72PXP Datasheet HTML 55Page - STMicroelectronics L99PM72PXP Datasheet HTML 56Page - STMicroelectronics L99PM72PXP Datasheet HTML 57Page - STMicroelectronics L99PM72PXP Datasheet HTML 58Page - STMicroelectronics L99PM72PXP Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
55/128
5.5
Electrical characteristics
5.5.1
Supply and supply monitoring
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. Tj = -40°C to 130°C, unless otherwise specified.
Table 14.
Supply and supply monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
VSUV
VS undervoltage threshold
VS increasing / decreasing
5.11
5.81
V
Vhyst_UV VS undervoltage hysteresis
0.04
0.1
0.15
V
VSOV
VS overvoltage threshold
VS increasing / decreasing
18.5
22
V
Vhyst_OV VS overvoltage hysteresis
hysteresis
0.5
1
1.5
V
tovuv_filt
VS overvoltage
/undervoltage filter time
64*Tosc
IV(act)
Current consumption in
active mode
VS =12V; TxDC =high;
TxDL = high; V1 =ON;
V2 = ON; HS/LS Driver OFF
612
mA
IV(BAT)
Current consumption in
VBat_standby mode
(1)
1.
Conditions for specified current consumption:
VLIN >(VS -1.5 V)
(CAN_H – CAN_L) < 0.4 V or (CAN_H – CAN_L) > 1.2 V
VWU <1V or VWU > (Vs – 1.5V)
The current consumption in standby modes with cyclic sense can be calculated using the following
formulas:
IV(BAT)CS =IV(BAT) +55µA+(2 mA *(tON + 100 µs) / T)
I(V1)CS =IV1 + 55 µA + (2 mA * (tON + 100 µs) / T)
VS = 12V; both voltage
regulators deactivated;
HS/LS driver OFF; no CAN
communication
812
28
µA
IV(BAT)CS
Current consumption in
VBat_standby mode with cyclic
sense enabled(1)
VS = 12 V; both voltage
regulators deactivated;
T= 50 ms; tON = 100 µs
40
75
125
µA
IV(BAT)CW
Current consumption in
VBat_standby mode with cyclic
wake enabled(1)
VS = 12 V; both voltage
regulators deactivated
during standby phase
40
75
125
µA
IV(V1stby)
Current consumption in
V1_standby mode
(1)
VS = 12 V; voltage regulator
V1 active (IV1 <ICMP); HS/LS
driver OFF
16
51
76
µA
IV(SW)
Current consumption in
standby mode but selective
wakeup enabled and CAN
communication on the bus
(PN_TRX_selective_Sleep)
(1)
VS = 12 V; both voltage
regulators deactivated;
HS/LS driver OFF
1200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com