Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 57 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 53Page - STMicroelectronics L99PM72PXP Datasheet HTML 54Page - STMicroelectronics L99PM72PXP Datasheet HTML 55Page - STMicroelectronics L99PM72PXP Datasheet HTML 56Page - STMicroelectronics L99PM72PXP Datasheet HTML 57Page - STMicroelectronics L99PM72PXP Datasheet HTML 58Page - STMicroelectronics L99PM72PXP Datasheet HTML 59Page - STMicroelectronics L99PM72PXP Datasheet HTML 60Page - STMicroelectronics L99PM72PXP Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
57/128
5.5.5
Voltage regulator V2
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 4.5 V < VS < 28 V; Tj = -40°C to 130°C, unless otherwise specified.
Cload1
Load capacitor 1
Ceramic (+/- 20%)
0.22(1)
µF
tTSD
V1 deactivation time after
thermal shutdown
1sec
ICMP_ris Current comp. rising threshold Rising current
1.0
2.5
4.0
mA
ICMP_fal
Current comp. falling
threshold
Falling current
0.8
1.95
3.1
mA
ICMP_hys Current comp. hysteresis
0.5
mA
V1fail
V1 fail threshold
V1 forced
2
V
tV1fail
V1 fail filter time
2
µs
tV1short
V1 short filter time
4
ms
1.
Nominal capacitor value required for stability of the regulator. Tested with 220nF ceramic (+/- 20%).
Capacitor must be located close to the regulator output pin.
Table 17.
Voltage regulator V1 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 18.
Voltage regulator V2
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
V2
Output voltage
5.0
V
V2
Output voltage
tolerance; active mode
ILOAD = 1 mA to 50 mA;
VS =13.5V
-3
3
%
Vhc1
Output voltage
tolerance; active mode
ILOAD = 50 mA to 80 mA;
VS =13.5V
-4
4
%
V2
Output voltage
tolerance; active
mode; high current
ILOAD =100 mA; VS =13.5V
-6
6
%
VSTB2
Output voltage
tolerance
V1_standby mode
ILOAD =1mA; VS = 13.5 V
-6.5
6.5
%
VDP2
Drop-out voltage
ILOAD =25mA; VS = 5.25 V
0.3
0.4
V
ILOAD =50mA; VS =5.25V
0.4
0.7
V
ICC2
Output current in
active mode
Max. continuous load current
100
mA
ICCmax2
Short circuit output
current
Current limitation
150
280
450
mA
Cload
Load capacitor
Ceramic (+/- 20%)
0.22(1)
µF
V2fail
V2 fail threshold
V2 forced
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com