Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 1 Page - STMicroelectronics

  L99PM72PXP Datasheet HTML 1Page - STMicroelectronics L99PM72PXP Datasheet HTML 2Page - STMicroelectronics L99PM72PXP Datasheet HTML 3Page - STMicroelectronics L99PM72PXP Datasheet HTML 4Page - STMicroelectronics L99PM72PXP Datasheet HTML 5Page - STMicroelectronics L99PM72PXP Datasheet HTML 6Page - STMicroelectronics L99PM72PXP Datasheet HTML 7Page - STMicroelectronics L99PM72PXP Datasheet HTML 8Page - STMicroelectronics L99PM72PXP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
This is information on a product in full production.
September 2013
Doc ID 023553 Rev 3
1/128
1
L99PM72PXP
Advanced power management system IC with embedded LIN and
high speed CAN transceiver supporting CAN Partial Networking
Datasheet
 production data
Features
■ Two 5 V voltage regulators for microcontroller
and peripheral supply
■ No electrolytic capacitor required on regulator
outputs
■ Ultra low quiescent current in standby modes
■ Programmable reset generator for power-on
and undervoltage
■ Configurable window watchdog and fail safe
output
■ LIN 2.1 compliant (SAEJ2602 compatible)
transceiver
■ Advanced high speed CAN transceiver (ISO
11898-2/-5 and SAE J2284 compliant) with
local failure and bus failure diagnosis and
selective wake-up functionality according to
ISO 11898-6
■ Complete 3 channel contact monitoring
interface with programmable cyclic sense
functionality
■ Programmable periodic system wake-up
feature
■ ST SPI interface for mode control and
diagnosis
■ 5 fully protected high-side drivers with internal
4-channel PWM generator
■ 2 low-side drivers with active Zener clamping
■ 4 Internal PWM timers
■ 2 operational amplifiers with rail-to-rail outputs
(VS) and low voltage inputs
■ Temperature warning and thermal shutdown
Applications
■ Automotive ECU's such as door zone and body
control modules description
Description
The L99PM72PXP is a power management
system IC providing electronic control units with
enhanced system power supply functionality
including various standby modes as well as LIN
and HS CAN physical communication layers. It
contains two low drop voltage regulators to supply
the system microcontroller and external
peripheral loads such as sensors and provides
enhanced system standby functionality with
programmable local and remote wake up
capability.
In addition, five high-side drivers, two low-side
drivers and two operational amplifiers increase
the system integration level.
The ST standard SPI Interface (3.0) allows control
and diagnosis of the device and enables generic
software development.
PowerSSO-36
Table 1.
Device summary
Package
Order code
Tube
Tape and reel
PowerSSO-36
L99PM72PXP
L99PM72PXPTR
www.st.com


Similar Part No. - L99PM72PXP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99PM72PXP STMICROELECTRONICS-L99PM72PXP Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L99PM72PXP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_16 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
April, 2016 ??Rev. 4
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
logo
Infineon Technologies A...
TLE9255W INFINEON-TLE9255W Datasheet
1Mb / 100P
HS CAN Transceiver with Partial Networking
Rev. 1.02 2018-02-02
logo
NXP Semiconductors
MC33907-MC33908D2 NXP-MC33907-MC33908D2 Datasheet
2Mb / 123P
Power system basis chip with high speed CAN and LIN transceivers
Rev. 5.0, 10/2016
TJA1145 NXP-TJA1145 Datasheet
561Kb / 57P
High-speed CAN transceiver for partial networking
Rev. 4-09 May 2018
TJA1145A NXP-TJA1145A Datasheet
658Kb / 57P
High-speed CAN transceiver for partial networking
UJA1168A NXP-UJA1168A Datasheet
856Kb / 74P
Mini high-speed CAN system basis chip for partial networking
Rev. 1 ??23 August 2019
logo
STMicroelectronics
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com