Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 12Page - STMicroelectronics L99PM72PXP Datasheet HTML 13Page - STMicroelectronics L99PM72PXP Datasheet HTML 14Page - STMicroelectronics L99PM72PXP Datasheet HTML 15Page - STMicroelectronics L99PM72PXP Datasheet HTML 16Page - STMicroelectronics L99PM72PXP Datasheet HTML 17Page - STMicroelectronics L99PM72PXP Datasheet HTML 18Page - STMicroelectronics L99PM72PXP Datasheet HTML 19Page - STMicroelectronics L99PM72PXP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 128 page
background image
Detailed description
L99PM72PXP
16/128
Doc ID 023553 Rev 3
Alternatively, Voltage Regulator 1 can be used to provide the 5 V reference for this topology.
However, the additional current consumption through R3 and R4 has to be considered in
V1_standby Mode.
2.1.4
Voltage regulator failure
The V1 and V2 regulator output voltages are monitored.
In case of a drop below the V1, V2 - fail thresholds (V1,2 < 2 V, typ for t > 2 µs), the V1,2 -fail
bits are latched. The fail bits can be cleared by a dedicated SPI command.
Short to ground detection
If 4 ms after turn on of the regulator the V1,2 voltage is below the V1,2 fail thresholds,
(independent for V1,2), the L99PM72PXP identifies a short circuit condition at the related
regulator output and the regulator are switched off.
In case of V1 short to GND failure the device enters VBat_standby mode automatically. Bits
Forced VBAT TSD2/SHTV1 and V1_fail were set.
In case of a V2 short to GND failure the V2 short and V2 fail bit is set.
If the output voltage of the corresponding regulator once exceeded the V1,2_fail thresholds
the short to ground detection is disabled. If a short to ground condition occurs the regulator
outputs switch of due to Thermal shutdown (V1 at TSD2; V2 at TSD1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com