Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 91 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 87Page - STMicroelectronics L99PM72PXP Datasheet HTML 88Page - STMicroelectronics L99PM72PXP Datasheet HTML 89Page - STMicroelectronics L99PM72PXP Datasheet HTML 90Page - STMicroelectronics L99PM72PXP Datasheet HTML 91Page - STMicroelectronics L99PM72PXP Datasheet HTML 92Page - STMicroelectronics L99PM72PXP Datasheet HTML 93Page - STMicroelectronics L99PM72PXP Datasheet HTML 94Page - STMicroelectronics L99PM72PXP Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
91/128
Note:
Reserved bit must be kept at their default values.
Writing to other register address is not allowed
6.2.3
Control Register 1
Control register 34, data
Defaults
00
000
000
00
000
001
Function
Reserved
Control Register 35, data
Defaults
00
000
000
00
110
110
Function
Reserved
Configuration Register, data
Defaults
00
000
000
00
000
000
Function
Reserved
Table 76.
Overview of control register data bytes (continued)
1st data byte <15:8>
2nd data byte <7:0>
Table 77.
Control register 1: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
0
1
Data, 8bit
Data, 8 bit
Table 78.
Control register 1, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0000
0000
00000
000
Function
Trig
Group
HS control
LS Output, V2 and mode control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com