Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 61Page - STMicroelectronics L99PM72PXP Datasheet HTML 62Page - STMicroelectronics L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics L99PM72PXP Datasheet HTML 67Page - STMicroelectronics L99PM72PXP Datasheet HTML 68Page - STMicroelectronics L99PM72PXP Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
65/128
VTHdom
Differential receiver
threshold voltage
recessive to
dominant state
(Normal Mode)
Active mode
0.9
V
VTHdomLP
Differential receiver
threshold voltage
recessive to
dominant state (Low
Power Mode)
V1_standby mode
1.15
V
VTHrec
Differential receiver
threshold voltage
dominant to
recessive state
(Normal Mode)
Active mode
0.5
V
VTHrecLP
Differential receiver
threshold voltage
dominant to
recessive state (Low
Power Mode)
V1_standby mode
0.4
V
1.
Guaranteed by design.
Table 29.
CAN transceiver timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tTXpd,hl
Propagation delay
TxDC to RxDC (high to
low)
Active mode; RL =120 ;
CL = 100 pF; CRXDC =15 pF;
fTXDC = 250 kHz
255
ns
tTXpd,lh
Propagation delay
TxDC to RxDC (low to
high)
Active mode; RL =120 ;
CL = 100 pF; CRXDC =15 pF;
fTXDC = 250 kHz
255
ns
tfilter
Wake up filter time
0.5
5
µs
tdom(TxDC)
TxDC dominant time-
out
Tested by scan and oscillator
0.8
2
5
ms
tCAN
CAN permanent
dominant time-out
700
µs
tsilence
CAN timeout
600
700
1200
ms
tBIAS
Bias reaction time
RL =60 ; CL = 100 pF;
CGND = 100 pF
200
µs
tV1swon
V1 switch-on time after
reception of a valid
WUF in VBat-standby
Mode
50
µs
Table 28.
CAN transmitter and receiver: pins CANH and CANL (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com