Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 62 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 58Page - STMicroelectronics L99PM72PXP Datasheet HTML 59Page - STMicroelectronics L99PM72PXP Datasheet HTML 60Page - STMicroelectronics L99PM72PXP Datasheet HTML 61Page - STMicroelectronics L99PM72PXP Datasheet HTML 62Page - STMicroelectronics L99PM72PXP Datasheet HTML 63Page - STMicroelectronics L99PM72PXP Datasheet HTML 64Page - STMicroelectronics L99PM72PXP Datasheet HTML 65Page - STMicroelectronics L99PM72PXP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
Electrical specifications
L99PM72PXP
62/128
Doc ID 023553 Rev 3
5.5.10
Wake up inputs (WU1 ... WU3)
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; Tj = -40 to 130°C, unless otherwise specified.
5.5.11
High speed CAN transceiver(d)
Selective wake functionality according to ISO 11898-6
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.8 V < VCANSUP.< 5.2 V; Tjunction = -40°C to 130°C,
unless otherwise specified. -12 V = (CANH + CANL) / 2 = 12 V.
Table 24.
Wake-up inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VWUthp
Wake-up negative edge
threshold voltage
0.4 VS
0.45 VS
0.5 VS
V
VWUthn
Wake-up positive edge
threshold voltage
0.5 VS
0.55 VS
0.6 VS
V
VHYST
Hysteresis
0.05 VS
0.1 VS
0.15 VS
V
tWU_stat Static wake filter time
64 * TOSC
µs
IWU_stdby
Input current in standby
mode
VWU <1V or
VWU >(VS –1.5 V)
915
28
µA
RWU_act
Input resistor to GND in
active mode and in
standby mode during
wake-up input sensing
80
160
300
k
tWU_cyc Cyclic wake filter time
16
µs
d.
ISO 11898-2 and ISO 11898-5 compliant.
SAE J2284 compliant.
Table 25.
CAN communication operating range
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSCOM
Supply voltage
operating range for
CAN communication
Active mode, V1 =VCANSUP
5.5
—
18
V
Table 26.
CAN transmit data input: pin TxDC
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTXDCLOW Input voltage dominant level
Active mode, V1 =5V
1.35
1.8
V
VTXDCHIGH Input voltage recessive level
Active mode, V1 =5V
2.5
3
V
VTXDCHYS VTXDCHIGH -VTXDCLOW
Active mode, V1 =5V
0.7
1
V
RTXDCPU TxDC pull up resistor
Active Mode, V1 = 5 V
10
20
35
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com