Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 95 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 91Page - STMicroelectronics L99PM72PXP Datasheet HTML 92Page - STMicroelectronics L99PM72PXP Datasheet HTML 93Page - STMicroelectronics L99PM72PXP Datasheet HTML 94Page - STMicroelectronics L99PM72PXP Datasheet HTML 95Page - STMicroelectronics L99PM72PXP Datasheet HTML 96Page - STMicroelectronics L99PM72PXP Datasheet HTML 97Page - STMicroelectronics L99PM72PXP Datasheet HTML 98Page - STMicroelectronics L99PM72PXP Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
95/128
6.2.4
Control Register 2
Table 80.
Control register 2: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
0
1
0
Data, 8bit
Data, 8 bit
Table 81.
Control register 2, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
000
0000
000
11
1
Function
Group
Wakeup control
Wakeup control
Table 82.
Control register 2, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
Must be kept at default
13, 12
WU3_Filt
Wakeup filter configuration
11, 10
WU2_Filt
MSB
LSB
9, 8
WU1_Filt
0
0
Static, 64 µs
0
1
Enabled with timer 2; 80 µs blank
1
0
Enabled with timer 2; 800 µs blank
1
1
Enabled with timer 1; 800 µs blank
7
Reserved
Must be kept at default
6
WU3_Pu/Pd Pull up or pull down configuration
5
WU2_Pu/Pd
0
Pull down
4
WU1_Pu/Pd
1
Pull up
3
Reserved
Must be kept at default
2
WU3_EN
Enable Wake up source
1
WU2_EN
0
Disable
0
WU1_EN
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com