Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 7Page - STMicroelectronics L99PM72PXP Datasheet HTML 8Page - STMicroelectronics L99PM72PXP Datasheet HTML 9Page - STMicroelectronics L99PM72PXP Datasheet HTML 10Page - STMicroelectronics L99PM72PXP Datasheet HTML 11Page - STMicroelectronics L99PM72PXP Datasheet HTML 12Page - STMicroelectronics L99PM72PXP Datasheet HTML 13Page - STMicroelectronics L99PM72PXP Datasheet HTML 14Page - STMicroelectronics L99PM72PXP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
L99PM72PXP
Block diagram and pin description
Doc ID 023553 Rev 3
11/128
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1
AGND
Analog ground
2
RxDC/NINT
RxDC -> CAN receive data output
NINT -> indicates remote CAN wake-up events in Active Mode (transceiver in
TRX_STBY; CAN_ACT = 0)
3
TxDC
CAN transmit data Input
4
CANH
CAN high level voltage I/O
5
CANL
CAN low level voltage I/O
6N.C.
TBC
7
CANSUP
CAN supply input; to allow external CAN supply from V1 or V2 regulator.
8
NRESET
Nreset output to microcontroller; Internal pull-up of typ. 100 K
(reset state = LOW)
9
V1
Voltage regulator 1 output: 5 V supply e.g. micro controller, CAN transceiver
10
V2
Voltage regulator 2 output: 5 V supply for external loads (IR receiver,
potentiometer, sensors) or CAN transceiver. V2 is protected against reverse
supply.
11
TxDL
LIN transmit data input
12
RxDL/NINT
RxDL -> LIN receive data output
NINT -> indicates local/remote wake-up events except CAN wake-up in Active
Mode provides a programmable timer interrupt signal
13
OP2+
Non inverting input of operational amplifier 2
14
OP2-
Inverting input of operational amplifier 2
15
OP2_OUT
Output of operational amplifier 2
16
DI
SPI: serial data input
17
DO
SPI: serial data output
18
CLK
SPI: serial clock input
19
CSN
SPI: chip select not input
20…22
WU1…3
Wake-up Inputs 1…3: Input pins for static or cyclic monitoring of external
contacts
23
OP1_OUT
Output of operational amplifier 1
24
OP1-
Inverting input of operational amplifier 1
25
OP1+
Non inverting input of operational amplifier 1
26
OUT4
High side driver output (7
, typ)
27
OUT3/FSO
Configurable as:
– High-side driver output (7
, typ)
– Fail safe output pin (default)
28
OUT2
High side driver output (7
, typ)
29
OUT1
High side driver output (7
, typ)
30
OUT_HS
High side driver (1
, typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com